Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3402 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 1 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC1871
1
1871fe
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Wide Input Range, No RSENSE™
Current Mode Boost,
Flyback and SEPIC Controller
The LTC®1871 is a wide input range, current mode, boost,
flyback or SEPIC controller that drives an N-channel power
MOSFET and requires very few external components. In-
tended for low to medium power applications, it eliminates
the need for a current sense resistor by utilizing the power
MOSFET’s on-resistance, thereby maximizing efficiency.
The IC’s operating frequency can be set with an external
resistor over a 50kHz to 1MHz range, and can be syn-
chronized to an external clock using the MODE/SYNC
pin. Burst Mode operation at light loads, a low minimum
operating supply voltage of 2.5V and a low shutdown
quiescent current of 10μA make the LTC1871 ideally suited
for battery-operated systems.
For applications requiring constant frequency opera-
tion, Burst Mode operation can be defeated using the
MODE/SYNC pin. Higher output voltage boost, SEPIC
and flyback applications are possible with the LTC1871
by connecting the SENSE pin to a resistor in the source
of the power MOSFET.
The LTC1871 is available in the 10-lead MSOP package.
Efficiency of Figure 1
n High Efficiency (No Sense Resistor Required)
n Wide Input Voltage Range: 2.5V to 36V
n Current Mode Control Provides Excellent
Transient Response
n High Maximum Duty Cycle (92% Typ)
n ±2% RUN Pin Threshold with 100mV Hysteresis
n ±1% Internal Voltage Reference
n Micropower Shutdown: IQ = 10μA
n Programmable Operating Frequency
(50kHz to 1MHz) with One External Resistor
n Synchronizable to an External Clock Up to 1.3 × fOSC
n User-Controlled Pulse Skip or Burst Mode® Operation
n Internal 5.2V Low Dropout Voltage Regulator
n Output Overvoltage Protection
n Capable of Operating with a Sense Resistor for
High Output Voltage Applications
n Small 10-Lead MSOP Package
n Telecom Power Supplies
n Portable Electronic Equipment
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Figure 1. High Efficiency 3.3V Input, 5V Output Boost Converter (Bootstrapped)
+
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC1871
RT
80.6k
1%
R2
37.4k
1%
R1
12.1k
1%
CVCC
4.7μF
X5R
CIN
22μF
6.3V
×2
M1
D1
L1
1μH
RC
22k
CC1
6.8nF
CC2
47pF
COUT1
150μF
6.3V
×4
VIN
3.3V
VOUT
5V
7A
(10A PEAK)
GND
1871 F01a
+
COUT2
22μF
6.3V
X5R
×2
CIN:
TAIYO YUDEN JMK325BJ226MM
COUT1: PANASONIC EEFUEOJ151R
COUT2: TAIYO YUDEN JMK325BJ226MM
D1: MBRB2515L
L1: SUMIDA CEP125-H 1R0MH
M1: FAIRCHILD FDS7760A
OUTPUT CURRENT (A)
30
90
100
80
50
70
60
40
0.001
0.1
1
10
1871 F01b
0.01
Burst Mode
OPERATION
PULSE-SKIP
MODE


Similar Part No. - LTC3402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
235Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC3402EMS LINER-LTC3402EMS Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
More results

Similar Description - LTC3402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com