Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3402 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology LTC3402 Datasheet HTML 30Page - Linear Technology LTC3402 Datasheet HTML 31Page - Linear Technology LTC3402 Datasheet HTML 32Page - Linear Technology LTC3402 Datasheet HTML 33Page - Linear Technology LTC3402 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC1871
30
1871fe
APPLICATIONS INFORMATION
9. The DC coupling capacitor in a SEPIC converter is cho-
sen based on its RMS current requirement and must be
rated for a minimum voltage of VIN plus the AC ripple
voltage. Start with the minimum value which satisfies
the RMS current requirement and then check the ripple
voltage to ensure that it doesn’t exceed the DC rating.
IRMS(CI) IO(MAX) •
VO + VD
VIN(MIN)
= 1.5A •
12V
+ 0.5V
5V
= 2.4A
Figure 18a. 4.5V to 15V Input, 12V/2A Output SEPIC Converter
Figure 18b. SEPIC Efficiency vs Output Current
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871
RT
80.6k
1%
R1
12.1k
1%
R2
105k
1%
R3
1M
CVCC
4.7μF
X5R
CIN
47μF
M1
CIN, COUT1: KEMET T495X476K020AS
CDC, COUT2: TAIYO YUDEN TMK432BJ106MM
D1:
INTERNATIONAL RECTIFIER 30BQ040
D1
•
•
L1*
L2*
RC
33k
CC1
6.8nF
CC2
47pF
COUT1
47μF
20V
×2
VIN
4.5V to 15V
VOUT
12V
1.5A
(2A PEAK)
GND
1871 F018a
+
COUT2
10μF
25V
X5R
×2
L1, L2: BH ELECTRONICS BH510-1007 (*COUPLED INDUCTORS)
M1:
INTERNATIONAL RECTIFIER IRF7811W
CDC
10μF
25V
X5R
+
OUTPUT CURRENT (A)
50
55
60
90
85
80
75
70
65
95
0.001
0.1
1
10
1871 F18b
45
0.01
100
VIN = 4.5V
VIN = 15V
VIN = 12V
VO = 12V
MODE = INTVCC
For this design a single 10μF, low ESR (X5R) Taiyo Yuden
ceramic capacitor (TMK432BJ106MM) is adequate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com