Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4258
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 2 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4267
2
4267fc
VPORTN with Respect to VPORTP Voltage...0.3V to –100V
POUT, SIGDISA, ⎯P⎯W⎯R⎯G⎯D
Voltage..................... VPORTN + 100V to VPORTN –0.3V
PVCC to PGND Voltage (Note 2)
Low Impedance Source ........................... – 0.3V to 8V
Current Fed .......................................... 5mA into PVCC
RCLASS Voltage.................VPORTN + 7V to VPORTN – 0.3V
⎯P⎯W⎯R⎯G⎯D Current.....................................................10mA
RCLASS Current.....................................................100mA
NGATE to PGND Voltage ...........................– 0.3V to PVCC
VFB, ITH/RUN to PGND Voltages................–0.3V to 3.5V
ORDER PART
NUMBER
DFN PART*
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades are identified by a label on the shipping container.
4267
4267
LTC4267CDHC
LTC4267IDHC
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPORTN
Supply Voltage
Voltage with Respect to VPORTP Pin
Maximum Operating Voltage
(Notes 4, 5, 6)
●
– 57
V
Signature Range
●
– 1.5
– 9.5
V
Classification Range
●
– 12.5
– 21
V
UVLO Turn-On Voltage
●
– 34.8
– 36.0
– 37.2
V
UVLO Turn-Off Voltage
●
– 29.3
– 30.5
– 31.5
V
VTURNON
PVCC Turn-On Voltage
Voltage with Respect to PGND
●
7.8
8.7
9.2
V
VTURNOFF
PVCC Turn-Off Voltage
Voltage with Respect to PGND
●
4.6
5.7
6.8
V
VHYST
PVCC Hysteresis
VTURNON – VTURNOFF
●
1.5
3.0
V
VCLAMP1mA
PVCC Shunt Regulator Voltage
IPVCC = 1mA, VITH/RUN = 0V, Voltage
●
8.3
9.4
10.3
V
with Respect to PGND
SENSE to PGND Voltage .............................. – 0.3V to 1V
NGATE Peak Output Current (<10μs) ..........................1A
Operating Ambient Temperature Range
LTC4267C ................................................ 0°C to 70°C
LTC4267I .............................................– 40°C to 85°C
Junction Temperature
GN Package ...................................................... 150°C
DHC Package .................................................... 125°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER PART
NUMBER
GN PART
MARKING
4267
4267I
LTC4267CGN
LTC4267IGN
TJMAX = 125°C, θJA = 43.5°C/W
EXPOSED PAD (PIN 17) MUST BE SOLDERED
TO ELECTRICALLY ISOLATED PCB HEAT SINK
TJMAX = 150°C, θJA = 90°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
TOP VIEW
DHC16 PACKAGE
16-LEAD (3mm
× 5mm) PLASTIC DFN
ITH/RUN
PGND
NGATE
PVCC
RCLASS
NC
VPORTN
NC
VFB
PGND
SENSE
VPORTP
SIGDISA
PWRGD
POUT
NC
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGND
ITH/RUN
NGATE
PVCC
RCLASS
NC
VPORTN
PGND
PGND
VFB
SENSE
VPORTP
SIGDISA
PWRGD
POUT
PGND
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com