Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4258
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 17Page - Linear Technology LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4267
21
4267fc
APPLICATIO S I FOR ATIO
Figure 11. Typical LTC4267 Application Circuits
PVCC
PVCC
PVCC
VPORTP
RCLASS
SIGDISA
VPORTN
ITH/RUN
LTC4267
NGATE
SENSE
VFB
R3
D1
D2
•
•
COUT
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
POUT
C1
LSEC
LPRI
LBIAS
CPVCC
CC
VOUT
4267 F11
RSENSE
RSL
RSTART
R2
R1
Q1
T1
•
RCLASS
PVCC
VPORTP
RCLASS
SIGDISA
VPORTN
ITH/RUN
LTC4267
NGATE
SENSE
VFB
D1
•
•
COUT
0.1µF
100V
0.1µF
100V
PGND
PGND
PGND
PGND
POUT
C1
LSEC
LPRI
CPVCC
VOUT
RSENSE
RSL
RSTART
Q1
R2
R1
RLIM
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
RCLASS
VPORTP
VPORTP
VPORTN
T1
CISO
OPTOISOLATOR
CC
RC
ERROR
AMPLIFIER
ISOLATED DESIGN EXAMPLE
NONISOLATED DESIGN EXAMPLE
+
–
+
–
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com