Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2921 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 4Page - Linear Technology LTC2921 Datasheet HTML 5Page - Linear Technology LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC2903-1
29031f a
(LTC2903-C1)
BLOCK DIAGRA S
1
V1
3
V2
4
V3
5
V4
2
GND
RESET DELAY GENERATOR
200ms
DELAY
LOW VOLTAGE
PULL-DOWN
BANDGAP
REFERENCE
V1
V2
V3
V2
RST
10µA
6
29031 BD3
POWER
DETECT
V1
V2
VCC
V1
V2
V3
V4
5V
3.3V
1.8V
–5.2V
MONITORED VOLTAGES
(LTC2903-A1, LTC2903-B1)
1
V1
3
V2
4
V3
5
V4
2
GND
RESET DELAY GENERATOR
200ms
DELAY
LOW VOLTAGE
PULL-DOWN
BANDGAP
REFERENCE
V1
V2
V3
V4
A1
3.3V
2.5V
1.8V
ADJ
B1
5V
3.3V
2.5V
1.8V
MONITORED VOLTAGES
V1
V2
V3
V2
RST
10µA
6
29031 BD1
POWER
DETECT
V1
V2
VCC
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com