Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2921 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2921
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology LTC2921 Datasheet HTML 15Page - Linear Technology LTC2921 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2903-1
29031f a
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1004 1K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65 Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65 Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Pushbutton Reset
4.37V/4.62V Threshold
LTC1326
Micropower Precision Triple Supply Monitor for 5V, 3.3V and ADJ
4.725V, 3.118V, 1V Thresholds (±0.75%)
LTC1326-2.5
Micropower Precision Triple Supply Monitor for 2.5V, 3.3V and ADJ 2.363V, 3.118V, 1V Thresholds (±0.75%)
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1726-2.5
Micropower Triple Supply Monitor for 2.5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time Outs
LTC1726-5
Micropower Triple Supply Monitor for 5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time Outs
LTC1727-2.5/LTC1727-5
Micropower Triple Supply Monitors with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/LTC1728-3.3 Micropower Triple Supply Monitors with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/LTC1728-5
Micropower Triple Supply Monitors with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with Push-Pull Reset Output
5-Lead SOT-23 Package
LTC2900
Quad Voltage Monitor in MSOP
16 User Selectable Combinations,
±1.5% Threshold Accuracy
LTC2901
Quad Voltage Monitor with Watchdog
16 User Selectable Combinations, Adjustable Timers
LTC2902
Quad Voltage Monitor with RST Disable
16 User Selectable Combinations, Adjustable Tolerance
LTC2904/LTC2905/
Precision Dual Supply Monitors
Pin Selectable Thresholds
LTC2906/LTC2907
LTC2908
Precision Six Supply Monitor
8-Lead SOT-23 and DFN Packages
LTC2920-1/LTC2920-2
Single/Dual Power Supply Margining Controller
<0.4% Margin Voltage Precision
LTC2921/LTC2922
Power Supply Trackers with Input Monitors
3 (LTC2921) and 5 (LTC2922) Remote Sense Switches
LTC2923
Power Supply Tracking Controller
Tracks Up and Down, Supply Sequencing
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO
Quad Supply Monitor with Manual Reset Button
GND
V2
V4
V3
3.3V
2.5V
LTC2903-A1
RST
V1
SYSTEM RESET
1.8V
3.3V
R2
100k
*OPTIONAL RESISTOR RECOMMENDED
TO EXTEND ESD TOLERANCE
R1
2050k
R3
10k
2903 TA04
C1
0.1µF
C2
0.1µF
RESD*
10k
MANUAL
RESET BUTTON
(NORMALLY OPEN)
12V
(VTRIP = 10.75V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com