Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF15N65M5
Description  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF15N65M5 Datasheet HTML 4Page - STMicroelectronics STF15N65M5 Datasheet HTML 5Page - STMicroelectronics STF15N65M5 Datasheet HTML 6Page - STMicroelectronics STF15N65M5 Datasheet HTML 7Page - STMicroelectronics STF15N65M5 Datasheet HTML 8Page - STMicroelectronics STF15N65M5 Datasheet HTML 9Page - STMicroelectronics STF15N65M5 Datasheet HTML 10Page - STMicroelectronics STF15N65M5 Datasheet HTML 11Page - STMicroelectronics STF15N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STF15N65M5, STFI15N65M5, STP15N65M5
8/17
Doc ID 022863 Rev 2
Figure 14.
Source-drain diode forward
characteristics
Figure 15.
Normalized BVDSS vs temperature
Figure 16.
Switching losses vs gate resistance
(1)
1.
Eon including reverse recovery of a SiC diode
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM05461v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
E
0
0
20
RG(
Ω)
(
μJ)
10
30
20
40
40
ID=7A
VDD=400V
Eon
Eoff
60
VGS=10V
80
50
100
120
AM15292v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com