Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF15N65M5
Description  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF15N65M5 Datasheet HTML 1Page - STMicroelectronics STF15N65M5 Datasheet HTML 2Page - STMicroelectronics STF15N65M5 Datasheet HTML 3Page - STMicroelectronics STF15N65M5 Datasheet HTML 4Page - STMicroelectronics STF15N65M5 Datasheet HTML 5Page - STMicroelectronics STF15N65M5 Datasheet HTML 6Page - STMicroelectronics STF15N65M5 Datasheet HTML 7Page - STMicroelectronics STF15N65M5 Datasheet HTML 8Page - STMicroelectronics STF15N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STF15N65M5, STFI15N65M5, STP15N65M5
Electrical characteristics
Doc ID 022863 Rev 2
5/17
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(V)
tr (V)
tf (i)
tc(off)
Voltage delay time
Voltage rise time
Current fall time
Crossing time
VDD = 400 V, ID = 7 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19 and
Figure 22)
-
30
8
11
12.5
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
11
44
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 11 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 11 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 22)
-
247
2.4
19.5
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 11 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 22)
-
312
3
19
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com