Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC8260ZUIFBC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # XPC8260ZUIFBC
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC8260ZUIFBC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button XPC8260ZUIFBC Datasheet HTML 42Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 43Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 44Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 45Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 46Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 47Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 48Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 49Page - Freescale Semiconductor, Inc XPC8260ZUIFBC Datasheet HTML 50Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0
46
Freescale Semiconductor
Package Description
5
Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC826xA.
5.1
Package Parameters
Package parameters are provided in Table 22. The package type is a 37.5
× 37.5 mm, 480-lead TBGA.
3 On PCI devices (MPC8265 and MPC8266) this pin should be used as CLKIN2. On non-PCI devices (MPC8260A and
MPC8264) this is a spare pin that must be pulled down or left floating.
4 Must be pulled down or left floating.
5 On PCI devices (MPC8265 and MPC8266) this pin should be asserted if the PCI function is desired or pulled up or
left floating if PCI is not desired. On non-PCI devices (MPC8260A and MPC8264) this is a spare pin that must be pulled
up or left floating.
6 For information on how to use this pin, refer to MPC8260 PowerQUICC II Thermal Resistor Guide available at
www.freescale.com.
Table 22. Package Parameters
Parameter
Value
Package Outline
37.5
× 37.5 mm
Interconnects
480 (29
× 29 ball array)
Pitch
1.27 mm
Nominal unmounted package height 1.55 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com