| Electronic Components Datasheet Search |
|
MPC8548ECHXATJA Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXATJA Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 9 Overview — Single inbound doorbell message structure — Facility to accept port-write messages • PCI Express interface — PCI Express 1.0a compatible — Supports x8,x4,x2, and x1 link widths — Auto-detection of number of connected lanes — Selectable operation as root complex or endpoint — Both 32- and 64-bit addressing — 256-byte maximum payload size — Virtual channel 0 only — Traffic class 0 only — Full 64-bit decode with 32-bit wide windows • Pin multiplexing for the high-speed I/O interfaces supports one of the following configurations: — 8 PCI Express — 4 PCI Express and 4 serial RapidIO • Power management — Supports power saving modes: doze, nap, and sleep — Employs dynamic power management, which automatically minimizes power consumption of blocks when they are idle • System performance monitor — Supports eight 32-bit counters that count the occurrence of selected events — Ability to count up to 512 counter-specific events — Supports 64 reference events that can be counted on any of the eight counters — Supports duration and quantity threshold counting — Burstiness feature that permits counting of burst events with a programmable time between bursts — Triggering and chaining capability — Ability to generate an interrupt on overflow • System access port — Uses JTAG interface and a TAP controller to access entire system memory map — Supports 32-bit accesses to configuration registers — Supports cache-line burst accesses to main memory — Supports large block (4-Kbyte) uploads and downloads — Supports continuous bit streaming of entire block for fast upload and download • JTAG boundary scan, designed to comply with IEEE Std. 1149.1™ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |