Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548ECHXATHC Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
82
Freescale Semiconductor
Serial RapidIO
18.3
Signal Definitions
LP-serial links use differential signaling. This section defines terms used in the description and
specification of differential signals. Figure 51 shows how the signals are defined. The figures show
waveforms for either a transmitter output (TD and TD) or a receiver input (RD and RD). Each signal
swings between A volts and B volts where A > B. Using these waveforms, the definitions are as follows:
1. The transmitter output signals and the receiver input signals TD, TD, RD, and RD each have a
peak-to-peak swing of A – B volts.
2. The differential output signal of the transmitter, VOD, is defined as VTD –VTD.
3. The differential input signal of the receiver, VID, is defined as VRD –VRD.
4. The differential output signal of the transmitter and the differential input signal of the receiver
each range from A – B to –(A – B) volts.
5. The peak value of the differential transmitter output signal and the differential receiver input
signal is A – B volts.
6. The peak-to-peak value of the differential transmitter output signal and the differential receiver
input signal is 2
 (A – B) volts.
Figure 51. Differential Peak–Peak Voltage of Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (current mode logic)
transmitter that has a common mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing
that goes between 2.5 and 2.0 V. Using these values, the peak-to-peak voltage swing of the signals TD and
TD is 500 mVp-p. The differential output signal ranges between 500 and –500 mV. The peak differential
voltage is 500 mV. The peak-to-peak differential voltage is 1000 mVp-p.
18.4
Equalization
With the use of high-speed serial links, the interconnect media causes degradation of the signal at the
receiver. Effects such as inter-symbol interference (ISI) or data dependent jitter are produced. This loss can
be large enough to degrade the eye opening at the receiver beyond what is allowed in the specification. To
negate a portion of these effects, equalization can be used. The most common equalization techniques that
can be used are:
•
A passive high pass filter network placed at the receiver. This is often referred to as passive
equalization.
•
The use of active circuits in the receiver. This is often referred to as adaptive equalization.
Differential Peak-to-Peak = 2
 (A – B)
A Volts
TD or RD
TD or RD
B Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com