Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9258 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9258 Datasheet HTML 3Page - Analog Devices AD9258 Datasheet HTML 4Page - Analog Devices AD9258 Datasheet HTML 5Page - Analog Devices AD9258 Datasheet HTML 6Page - Analog Devices AD9258 Datasheet HTML 7Page - Analog Devices AD9258 Datasheet HTML 8Page - Analog Devices AD9258 Datasheet HTML 9Page - Analog Devices AD9258 Datasheet HTML 10Page - Analog Devices AD9258 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9258
Rev. A | Page 7 of 44
AD9258BCPZ-80
AD9258BCPZ-105
AD9258BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER (HARMONIC OR SPUR)
Without Dither
fIN = 2.4 MHz
25°C
−100
−100
−99
dBc
fIN = 70 MHz
25°C
−100
−96
−99
−94
−98
−94
dBc
Full
−96
−94
−94
dBc
fIN = 140 MHz
25°C
−97
−97
−97
dBc
fIN = 200 MHz
25°C
−95
−95
−95
dBc
With On-Chip Dither
fIN = 2.4 MHz
25°C
−109
−107
−107
dBc
fIN = 70 MHz
25°C
−105
−96
−106
−95
−105
−95
dBc
Full
−96
−95
−95
dBc
fIN = 140 MHz
25°C
−106
−104
−103
dBc
fIN = 200 MHz
25°C
−102
−104
−97
dBc
TWO-TONE SFDR WITHOUT DITHER
fIN = 29 MHz (−7 dBFS ), 32 MHz (−7 dBFS )
25°C
93
92
90
dBc
fIN = 169 MHz (−7 dBFS ),172 MHz (−7 dBFS )
25°C
81
80
82
dBc
CROSSTALK2
Full
−95
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
SYNC INPUT
Logic Compliance
CMOS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
High Level Input Voltage
Full
1.2
AVDD
V
Low Level Input Voltage
Full
AGND
0.6
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com