Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9258 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9258 Datasheet HTML 17Page - Analog Devices AD9258 Datasheet HTML 18Page - Analog Devices AD9258 Datasheet HTML 19Page - Analog Devices AD9258 Datasheet HTML 20Page - Analog Devices AD9258 Datasheet HTML 21Page - Analog Devices AD9258 Datasheet HTML 22Page - Analog Devices AD9258 Datasheet HTML 23Page - Analog Devices AD9258 Datasheet HTML 24Page - Analog Devices AD9258 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9258
Rev. A | Page 21 of 44
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
2.4MHz @ –1dBFS
SNR = 76.6dB (77.6dBFS)
SFDR = 89dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 32. AD9258-125 Single-Tone FFT with fIN = 2.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
30.3MHz @ –1dBFS
SNR = 76.4dB (77.4dBFS)
SFDR = 91.2dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 33. AD9258-125 Single-Tone FFT with fIN = 30.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
70.1MHz @ –1dBFS
SNR = 76.5dB (77.5dBFS)
SFDR = 88.0dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 34. AD9258-125 Single-Tone FFT with fIN = 70.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
140.1MHz @ –1dBFS
SNR = 75.5dB (76.5dBFS)
SFDR = 85.0dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 35. AD9258-125 Single-Tone FFT with fIN = 140.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
200.3MHz @ –1dBFS
SNR = 74.3dB (75.3dBFS)
SFDR = 81dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 36. AD9258-125 Single-Tone FFT with fIN = 200.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
2030
4050
60
FREQUENCY (MHz)
125MSPS
220.1MHz @ –1dBFS
SNR = 74.0dB (75.0dBFS)
SFDR = 79.3dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 37. AD9258-125 Single-Tone FFT with fIN = 220.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com