Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9887APCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Display
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 35Page - Analog Devices AD9887APCB Datasheet HTML 36Page - Analog Devices AD9887APCB Datasheet HTML 37Page - Analog Devices AD9887APCB Datasheet HTML 38Page - Analog Devices AD9887APCB Datasheet HTML 39Page - Analog Devices AD9887APCB Datasheet HTML 40Page - Analog Devices AD9887APCB Datasheet HTML 41Page - Analog Devices AD9887APCB Datasheet HTML 42Page - Analog Devices AD9887APCB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9887A
Rev. B | Page 39 of 52
0x0F 1
Green Clamp Select
A bit that determines whether the green channel is
clamped to ground or to midscale.
Table 23. Green Clamp Select Settings
Clamp
Function
0
Clamp to ground
1
Clamp to midscale (Pin 109)
The default setting for this register is 0.
0x0F 0
Blue Clamp Select
A bit that determines whether the blue channel is
clamped to ground or to midscale.
Table 24. Blue Clamp Select Settings
Clamp
Function
0
Clamp to ground
1
Clamp to midscale (Pin 99)
The default setting for this register is 0.
Mode Control 2
0x10 7
Data Output Clock Invert (CKINV)
A control bit for the inversion of the output data clocks
(Pin 134 and Pin 135). This function only works for the
digital interface. When not inverted, data is output upon
the trailing edge of the data clock. See Figure 37 through
Figure 40 for how this affects timing.
Table 25. Data Output Clock Invert (CKINV) Settings
CKINV
Function
0
Not inverted
1
Inverted
The default for this register is 0.
0x10 6
Pixel Select
This bit selects either one or two pixels per clock mode
for the digital interface. It determines whether the
output is from a single port (even port only) at the full
data rate, or from two ports (both even and odd ports) at
half the full data rate per port. Logic 0 selects one pixel
per clock (even port only). Logic 1 selects two pixels per
clock (both ports). See the Digital Interface Timing
Diagrams (Figure 37 through Figure 40) for visual
representations of this function. Note that this function
operates exactly like the demux function on the analog
interface.
Table 26. Pixel Select Settings
Pixel Select
Function
0
One pixel per clock
1
Two pixels per clock
The default for this register is 0.
0x10 5, 4
Output Drive
These two bits select the drive strength for the high
speed digital outputs (all data output and clock output
pins). Higher drive strength results in faster rise/fall
times and enables easier capture of data in general.
Lower drive strength results in slower rise/fall times and
reduces EMI and digitally generated power supply noise.
The exact timing specifications for each of these modes
are specified in Table 7.
Table 27. Output Drive Strength Settings
Bit 5
Bit 4
Result
1
X
High drive strength
0
1
Medium drive strength
0
0
Low drive strength
The default for this register is 11. This option works on
both the analog and digital interfaces.
0x10 3
Power-Down Outputs (PDO)
This bit can put the outputs into a high impedance mode.
This applies to all outputs except SOGOUT and REFOUT.
Table 28. Power-Down Output (PDO) Settings
PDO
Function
0
Normal operation
1
Three-state
The default for this register is 0. This option works on
both the analog and digital interfaces.
0x10 2
Sync Detect Polarity
This pin controls the polarity of the sync detect output
pin (Pin 136).
Table 29. Sync Detect Polarity Settings
Polarity
Function
0
Activity = Logic 1 output
1
Activity = Logic 0 output
The default for this register is 0. This option works on
both the analog and digital interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com