Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9887APCB Datasheet(PDF) 43 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Display
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 39Page - Analog Devices AD9887APCB Datasheet HTML 40Page - Analog Devices AD9887APCB Datasheet HTML 41Page - Analog Devices AD9887APCB Datasheet HTML 42Page - Analog Devices AD9887APCB Datasheet HTML 43Page - Analog Devices AD9887APCB Datasheet HTML 44Page - Analog Devices AD9887APCB Datasheet HTML 45Page - Analog Devices AD9887APCB Datasheet HTML 46Page - Analog Devices AD9887APCB Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AD9887A
Rev. B | Page 43 of 52
0x17 7:0
Precoast
This register allows the coast signal to be applied prior to
the Vsync signal. This is necessary in cases where pre-
equalization pulses are present. This register defines the
number of edges that are filtered before Vsync on a
composite sync.
The default is 0.
0x18 7:0
Postcoast
This register allows the coast signal to be applied
following the Vsync signal. This is necessary when
postequalization pulses are present. This register defines
the number of edges that are filtered after Vsync on a
composite sync.
The default is 0.
0x19 7:0
Test
Must be set to default.
0x1A 7:0
Test
Must be set to 0x41 for proper operation.
0x1B 7:0
Test
Must be set to 0x00 for autogain mode and 0x10 for
manual-gain mode.
0x1C 7:3
Test
Must be set to 00000*** for autogain mode and 00101***
for manual-gain mode.
0x1C 2
CbCr Output Order
In 4:2:2 mode, the red and blue channels can be
interchanged to help satisfy board layout or timing
requirements, but the green channel must be configured
for Y. Register 0x1C, Bit 2, controls the order that the
U/V (CbCr) data is output. If this bit is high, the red
channel data precedes the blue channel data. If this bit is
low, the blue channel data precedes the red channel data.
See the example in Table 51.
Table 51. 4:2:2 Input/Output Configuration
Channel
Input
Connection
Output Format
Red
Y
V/U if 0x1C Bit 2 = 1;
U/V if 0x1C Bit 2 = 0
Green
Y
Y
Blue
U
High impedance
0x1C 1
Test Bits
Must be set to 0 for standard input sampling.
0x1C 0
4:2:2 Output Mode Select
4:2:2 mode can be used to reduce the number of data
lines used from 24 to 16 for applications using YUV,
YCbCr, or YPbPr graphics signals. See Figure 27 for a
timing diagram for this mode.
Table 52. 4:2:2 Output Mode Select
Select
Output Mode
1
4:4:4
0
4:2:2
0x1D 6
HDCP Keys Detected
This bit indicates the presence of HDCP keys read from
the external EEPROM.
Table 53. HDCP Key Status
Select
HDCP Key Status
1
HDCP keys present
0
HDCP keys not present
0x1E 7:0
Test Register
Must be set to 0xFF for proper operation.
0x1F 7:0
Test Register
Must be set to 0x84 for proper operation.
0x20 7
HDCP A0 Serial Address Bit
This bit sets the value of the A0 bit for the DDC
serial port.
Table 54. HDCP A0 Serial Address
Select
Serial Address
1
A0 bit = 1, address = 0x76
0
A0 bit = 0, address = 0x74
The default setting is 0.
0x20 6
MDA Pin Select
This bit sets the function of Pin 49 to MDA when set at 1.
Table 55. MDA Pin Select
Select
Output Mode
1
Pin 49 = MDA for HDCP
0
Pin 49 = CTL3 signal
The default setting is 0.
0x20 5
Analog Input Bandwidth Control
This bit controls the analog input bandwidth.
Table 56. Analog Input Bandwidth Control
Select
Input Bandwidth
0
High analog input bandwidth
1
Low analog input bandwidth
The default setting 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com