Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX213C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX213C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX213C/D Datasheet HTML 3Page - Maxim Integrated Products MAX213C/D Datasheet HTML 4Page - Maxim Integrated Products MAX213C/D Datasheet HTML 5Page - Maxim Integrated Products MAX213C/D Datasheet HTML 6Page - Maxim Integrated Products MAX213C/D Datasheet HTML 7Page - Maxim Integrated Products MAX213C/D Datasheet HTML 8Page - Maxim Integrated Products MAX213C/D Datasheet HTML 9Page - Maxim Integrated Products MAX213C/D Datasheet HTML 10Page - Maxim Integrated Products MAX213C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
Shutdown and Enable Control
In shutdown mode, the MAX200/MAX205/MAX206/
MAX211/MAX213 charge pumps are turned off, V+ is
pulled down to VCC, V- is pulled to ground, and the
transmitter outputs are disabled. This reduces supply
current typically to 1µA (15µA for the MAX213). The time
required to exit shutdown is 1ms, as shown in Figure 5.
All receivers except R4 and R5 on the MAX213 are put
into a high-impedance state in shutdown mode. The
MAX213’s R4 and R5 receivers still function in shutdown
mode. These two receivers are useful for monitoring
external activity while maintaining minimal power con-
sumption.
The enable control is used to put the receiver outputs
into a high-impedance state, so that the receivers can be
connected directly to a three-state bus. It has no effect
on the RS-232 drivers or on the charge pumps.
MAX213 Receiver Operation in Shutdown
During normal operation, the MAX213’s receiver propa-
gation delay is typically 1Fs. When entering shutdown
with receivers active, R4 and R5 are not valid until 80Fs
after SHDN is driven low. In shutdown mode, propaga-
tion delays increase to 4Fs for a high-to-low or a low-to-
high transition.
When exiting shutdown, all receiver outputs are invalid
until the charge pumps reach nominal values (
< 2ms
when using 0.1FF capacitors).
Figure 5. Transmitter Outputs When Exiting Shutdown
Table 1a. MAX200 Control Pin Configurations
Table 1b. MAX205/MAX206/MAX211 Control Pin Configurations
Table 1c. MAX213 Control Pin Configurations
*Active = active with reduced performance.
TWO TRANSMITTER
OUTPUTS:
ONE HIGH, ONE LOW
SHDN*
THREE TRANSMITTERS LOADED WITH 3kI||2500pF.
*SHUTDOWN POLARITY REVERSED FOR MAX213.
SHUTDOWN
TRANSMITTERS ON
SHDN
OPERATION STATUS
TRANSMITTERS T1–T5
0
Normal Operation
All Active
1
Shutdown
All High-Z
SHDN
EN
OPERATION STATUS
TRANSMITTERS T1–T5
RECEIVERS R1–R5
0
0
Normal Operation
All Active
All Active
0
1
Normal Operation
All Active
All High-Z
1
0
Shutdown
All High-Z
All High-Z
SHDN
EN
OPERATION STATUS
TRANSMITTERS T1–T4
RECEIVERS
R1, R2, R3
R4, R5
0
0
Shutdown
All High-Z
High-Z
High-Z
0
1
Shutdown
All High-Z
High-Z
Active*
1
0
Normal Operation
All Active
High-Z
High-Z
1
1
Normal Operation
All Active
Active
Active
MAX200–MAX209/MAX211/MAX213
Maxim Integrated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com