Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX213C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX213C/D
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX213C/D Datasheet HTML 5Page - Maxim Integrated Products MAX213C/D Datasheet HTML 6Page - Maxim Integrated Products MAX213C/D Datasheet HTML 7Page - Maxim Integrated Products MAX213C/D Datasheet HTML 8Page - Maxim Integrated Products MAX213C/D Datasheet HTML 9Page - Maxim Integrated Products MAX213C/D Datasheet HTML 10Page - Maxim Integrated Products MAX213C/D Datasheet HTML 11Page - Maxim Integrated Products MAX213C/D Datasheet HTML 12Page - Maxim Integrated Products MAX213C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
MAX200 Pin Configuration/Typical Operating Circuit
DIP/SO
20
19
18
17
16
15
14
1
2
3
4
5
6
7
T4OUT
+5V INPUT
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
GND
C1+
C1-
C2+
C2-
0.1FF
7
9
8
0.1FF
+6.3V
0.1FF
+16V
0.1FF
+16V
0.1FF
+6.3V
V+
V-
10
11
12
18
N.C.
SHDN
TTL/CMOS
INPUTS
RS-232
OUTPUTS
17
6
13
T5IN
N.C.
SHND
T2IN
T2OUT
T1OUT
T3OUT
MAX200
MAX200
T5OUT
T4IN
T3IN
VCC
GND
13
8
V-
C1+
12
9
C2-
V+
11
10
C2+
C1-
T1IN
T1OUT
+5V
T1IN
400kI
5
2
T1
T2OUT
+5V
400kI
T2IN
4
3
T2
T3OUT
+5V
400kI
T3IN
14
1
T3
T4OUT
+5V
400kI
T4IN
15
20
T4
T5OUT
+5V
400kI
T5IN
19
16
T5
VCC
TOP VIEW
MAX200–MAX209/MAX211/MAX213
Maxim Integrated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com