Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM202
Description  High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 1 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM202/ADM203
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FUNCTIONAL BLOCK DIAGRAMS
ADM202
0.1 F
6.3V
0.1 F
16V
C1+
C1–
C2–
C2+
T1IN
T1
T1OUT
T2IN
T2
T2OUT
TTL/CMOS
INPUTS*
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
RS-232
INPUTS**
R2
V–
0.1 F
16V
+10V TO –10V
VOLTAGE
INVERTER
0.1 F
6.3V
0.1 F
6.3V
5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
GND
T1IN
T1
T1OUT
T2IN
T2
T2OUT
TTL/CMOS
INPUTS*
RS-232
OUTPUTS
R1OUT
R1
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
RS-232
INPUTS**
R2
5V INPUT
VCC
DO NOT MAKE
CONNECTIONS
TO THESE PINS
C1+
C1–
INTERNAL
–10V POWER
SUPPLY
V–
V–
V+
INTERNAL
+10V POWER
SUPPLY
C2+
C2+
C2–
C2–
GND
GND
ADM203
*INTERNAL 400k
PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
**INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
*INTERNAL 400k
PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
**INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
GENERAL DESCRIPTION
The ADM202/ADM203 is a two-channel RS-232 line driver/
receiver pair designed to operate from a single 5 V power sup-
ply. A highly efficient on-chip charge pump design permits
RS-232 levels to be developed using charge pump capacitors as
small as 0.1
µF. The capacitors are internal to the package on
the ADM203 so no external capacitors are required. These
converters generate
±10 V RS-232 output levels.
The ADM202/ADM203 meets or exceeds the EIA-232-E and
V.28 specifications. Fast driver slew rates permit operation up to
120 kB while high-drive currents allow for extended cable lengths.
An epitaxial BiCMOS construction minimizes power consump-
tion to 10 mW and also guards against latch-up. Overvoltage
protection is provided allowing the receiver inputs to withstand
continuous voltages in excess of
± 30 V. In addition, all pins
contain ESD protection to levels greater than 2 kV.
The ADM202 is available in 16-lead DIP and both narrow and
wide SOIC packages. The ADM203 is available in a 20-lead
DIP package.
FEATURES
120 kB Transmission Rate
ADM202: Small (0.1
F) Charge Pump Capacitors
ADM203: No External Capacitors Required
Single 5 V Power Supply
Meets EIA-232-E and V.28 Specifications
Two Drivers and Two Receivers
On-Board DC-DC Converters
9 V Output Swing with 5 V Supply
Low Power BiCMOS: 2.0 mA ICC
30 V Receiver Input Levels
APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments
High-Speed, 5 V, 0.1 F
CMOS RS-232 Driver/Receivers


Similar Part No. - ADM202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV.0
ADM202 AD-ADM202 Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202 AD-ADM202 Datasheet
255Kb / 10P
High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
More results

Similar Description - ADM202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV.0
ADM205 AD-ADM205 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM222 AD-ADM222 Datasheet
332Kb / 9P
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV.0
ADM232AARWZ AD-ADM232AARWZ Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 關F CMOS RS-232 Drivers/Receivers
REV. B
ADM222 AD-ADM222_01 Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM202JNZ AD-ADM202JNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRNZ AD-ADM202JRNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRWZ AD-ADM202JRWZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202 AD-ADM202_V01 Datasheet
255Kb / 10P
High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM222 AD-ADM222_V01 Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com