Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3245ECAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3245ECAI
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245ECAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3245ECAI Datasheet HTML 1Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 2Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
________________General Description
The MAX3224E/MAX3225E/MAX3226E/MAX3227E/
MAX3244E/MAX3245E are 3V-powered EIA/TIA-232
and V.28/V.24 communications interfaces with automat-
ic shutdown/wakeup features, high data-rate capabili-
ties, and enhanced electrostatic discharge (ESD)
protection. All transmitter outputs and receiver inputs
are protected to ±15kV using IEC 1000-4-2 Air-Gap
Discharge, ±8kV using IEC 1000-4-2 Contact Discharge,
and ±15kV using the Human Body Model.
All devices achieve a 1µA supply current using Maxim’s
revolutionary AutoShutdown Plus™ feature. These
devices automatically enter a low-power shutdown
mode when the RS-232 cable is disconnected or the
transmitters of the connected peripherals are inactive,
and the UART driving the transmitter inputs is inactive
for more than 30 seconds. They turn on again when
they sense a valid transition at any transmitter or receiv-
er input. AutoShutdown Plus saves power without
changes to the existing BIOS or operating system.
The MAX3225E/MAX3227E/MAX3245E also feature
MegaBaud™ operation, guaranteeing 1Mbps for high-
speed applications such as communicating with ISDN
modems. The MAX3224E/MAX3226E/MAX3244E guar-
antee 250kbps operation. The transceivers have a pro-
prietary low-dropout transmitter output stage enabling
true RS-232 performance from a +3.0V to +5.5V supply
with a dual charge pump. The charge pump requires
only four small 0.1µF capacitors for operation from a
3.3V supply. The MAX3224E–MAX3227E feature a logic-
level output (READY) that asserts when the charge
pump is regulating and the device is ready to begin
transmitting.
All devices are available in a space-saving TQFN,
SSOP, and TSSOP (MAX3224E/MAX3225E/MAX3244E/
MAX3245E) packages.
________________________Applications
Notebook, Subnotebook, and Palmtop Computers
Cellular Phones
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Printers
__Next Generation Device Features
♦♦ For Space-Constrained Applications:
MAX3228E/MAX3229E: ±15kV ESD-Protected,
+2.5V to +5.5V, RS-232 Transceivers in UCSP™
MAX3222E/MAX3232E/MAX3241E/MAX3246E:
±15kV ESD-Protected, Down to 10nA, +3.0V to
+5.5V, Up to 1Mbps, True RS-232 Transceivers
(MAX3246E Available in UCSP)
♦♦ For Low-Voltage or Data Cable Applications:
MAX3380E/MAX3381E: +2.35V to +5.5V, 1µA,
2Tx/2Rx RS-232 Transceivers with ±15kV
ESD-Protected I/O and Logic Pins
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 10; 3/11
PART
MAX3224E
MAX3225E
MAX3226E
1/1
2/2
2/2
NO. OF
DRIVERS/
RECEIVERS
READY
OUTPUT
✔
✔
✔
Auto-
Shutdown
Plus
✔
✔
✔
250k
1M
250k
GUARANTEED
DATA RATE
(bps)
MAX3227E
MAX3244E
MAX3245E
3/5
3/5
1/1
✔
—
—
✔
✔
✔
1M
250k
1M
Ordering Information continued at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
AutoShutdown Plus, MegaBaud, and UCSP are trademarks of
Maxim Integrated Products, Inc.
_____________________ Selector Guide
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX3224ECTP+
0
°C to +70°C
20 TQFN-EP*
MAX3224ECUP+
0
°C to +70°C
20 TSSOP
MAX3224ECAP+
0
°C to +70°C
20 SSOP
MAX3224ECPP+
0
°C to +70°C
20 Plastic DIP
MAX3224EETP+
-40
°C to +85°C
20 TQFN-EP*
MAX3224EEUP+
-40
°C to +85°C
20 TSSOP
MAX3224EEAP+
-40
°C to +85°C
20 SSOP
MAX3224EEPP+
-40
°C to +85°C
20 Plastic DIP
MAX3224EAAP+
-40
°C to +125°C
20 SSOP
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/
MAX3244E/MAX3245E


Similar Part No. - MAX3245ECAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245E MAXIM-MAX3245E Datasheet
243Kb / 20P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245E MAXIM-MAX3245E Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245E MAXIM-MAX3245E Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245E MAXIM-MAX3245E Datasheet
958Kb / 21P
15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EAI MAXIM-MAX3245EAI Datasheet
211Kb / 20P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
More results

Similar Description - MAX3245ECAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_06 Datasheet
874Kb / 26P
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com