Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3245ECAI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3245ECAI
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245ECAI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3245ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 17Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 18Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 19Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 20Page - Maxim Integrated Products MAX3245ECAI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
10
3/11
Added an automotive qualified part to the Ordering Information; changed all the
parts listed in the Ordering Information to lead free
1, 20
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E
21
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied.
Maxim reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits) shown in the Electrical
Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
© 2011 Maxim Integrated
The Maxim logo and Maxim Integrated are trademarks of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com