Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD626 Datasheet(PDF) 4 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 4 Page - Analog Devices

  AD626 Datasheet HTML 1Page - Analog Devices AD626 Datasheet HTML 2Page - Analog Devices AD626 Datasheet HTML 3Page - Analog Devices AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD626
–3–
Model
AD626A
AD626B
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Accuracy
Total Error
Gain = 10
RL = 10 k
0.2
0.5
0.1
0.3
%
Gain = 100
0.25
1.0
0.15
0.6
%
Over Temperature, TA = TMIN to TMAX
G = 10
50
30
ppm/°C
G = 100
100
80
ppm/°C
Gain Linearity
Gain = 10
0.045
0.055
0.045
0.055
%
Gain = 100
0.01
0.015
0.01
0.015
%
OFFSET VOLTAGE
Input Offset Voltage
50
500
50
250
µV
vs. Temperature
TMIN to TMAX, G = 10 or 100
1.0
0.5
mV
vs. Temperature
TMIN to TMAX, G = 10 or 100
1.0
0.5
µV/°C
vs. Supply Voltage (PSR)
+PSR
74
80
74
80
dB
–PSR
64
66
64
66
dB
COMMON-MODE REJECTION
RL = 10 k
+CMR Gain = 10, 100
f = 100 Hz, VCM = +24 V
66
90
80
90
dB
±CMR Gain = 10, 100
f = 10 kHz, VCM = 6 V
55
60
55
60
dB
COMMON-MODE VOLTAGE RANGE
+CMV Gain = 10
CMR > 85 dB
26.5
26.5
V
–CMV Gain = 10
CMR > 85 dB
32.5
32.5
V
INPUT
Input Resistance
Differential
200
200
k
Common-Mode
110
110
k
Input Voltage Range (Common-Mode)
6 (VS – l)
6 (VS – l)
V
OUTPUT
Output Voltage Swing
RL = 10 k
Positive
Gain = 10, 100
4.7
4.90
4.7
4.90
V
Negative
Gain = 10
–1.65
–2.1
–1.65
–2.1
V
Gain = 100
–1.45
–1.8
–1.45
–1.8
V
Short Circuit Current
+ISC
12
12
mA
–ISC
0.5
0.5
mA
NOISE
Voltage Noise RTI
Gain = 10
f = 0.1 Hz–10 Hz
2
2
µV p-p
Gain = 100
f = 0.1 Hz–10 Hz
2
2
µV p-p
Gain = 10
f = 1 kHz
0.25
0.25
µV/
Hz
Gain = 100
f = 1 kHz
0.25
0.25
µV/
Hz
DYNAMIC RESPONSE
–3 dB Bandwidth
VOUT = +1 V dc
100
100
kHz
Slew Rate, TMIN to TMAX
Gain = 10
0.17
0.22
0.17
0.22
V/µs
Gain = 100
0.1
0.17
0.1
0.17
V/µs
Settling Time
to 0.01%, 1 V Step
24
22
µs
POWER SUPPLY
Operating Range
TA = TMIN to TMAX
1.2
5
6
1.2
5
6
V
Quiescent Current
Gain = 10
1.5
2
1.5
2
mA
Gain = 100
1.5
2
1.5
2
mA
TRANSISTOR COUNT
Number of Transistors
46
46
Specifications subject to change without notice.
DUAL SUPPLY (@+V
S =
5 V and TA = 25 C, unless otherwise noted.)
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com