Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD626 Datasheet(PDF) 1 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 1 Page - Analog Devices

  AD626 Datasheet HTML 1Page - Analog Devices AD626 Datasheet HTML 2Page - Analog Devices AD626 Datasheet HTML 3Page - Analog Devices AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or other-
wise under any patent or patent rights of Analog Devices.Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD626
Low Cost, Single-Supply
Differential Amplifier
FEATURES
Pin Selectable Gains of 10 and 100
True Single-Supply Operation
Single-Supply Range of +2.4 V to +10 V
Dual-Supply Range of
1.2 V to
6 V
Wide Output Voltage Range of 30 mV to 4.7 V
Optional Low-Pass Filtering
Excellent DC Performance
Low Input Offset Voltage: 500
V Max
Large Common-Mode Range: 0 V to +54 V
Low Power: 1.2 mW (VS = +5 V)
Good CMR of 90 dB Typ
AC Performance
Fast Settling Time: 24
s (0.01%)
Includes Input Protection
Series Resistive Inputs (RIN = 200 k )
RFI Filters Included
Allows 50 V Continuous Overload
APPLICATIONS
Current Sensing
Interface for Pressure Transducers, Position Indicators,
Strain Gages, and Other Low Level Signal Sources
PRODUCT DESCRIPTION
The AD626 is a low cost, true single-supply differential amplifier
designed for amplifying and low-pass filtering small differential
voltages from sources having a large common-mode voltage.
The AD626 can operate from either a single supply of +2.4 V to
+10 V, or dual supplies of ±1.2 V to ±6 V.The input common-mode
range of this amplifier is equal to 6 (+VS – 1 V) which provides a
+24 V CMR while operating from a +5 V supply. Furthermore,
the AD626 features a CMR of 90 dB typ.
The amplifier’s inputs are protected against continuous overload of
up to 50 V, and RFI filters are included in the attenuator network.
The output range is +0.03 V to +4.9 V using a +5 V supply. The
amplifier provides a preset gain of 10, but gains between 10 and
100 can be easily configured with an external resistor. Further-
more, a gain of 100 is available by connecting the G = 100 pin to
analog ground. The AD626 also offers low-pass filter capability by
connecting a capacitor between the filter pin and analog ground.
The AD626A and AD626B operate over the industrial temperature
range of –40°C to +85°C.The AD626 is available in two 8-lead
packages: a plastic mini-DIP and SOIC.
140
0
1M
60
20
1
40
0.1
120
80
100
100k
10k
1k
100
10
FREQUENCY – Hz
G = 10, 100
VS = +5V
G = 100
VS = 5V
G = 10
VS = 5V
Figure 1. Common-Mode Rejection vs. Frequency
25
0
5
15
5
2
10
1
20
4
3
SUPPLY VOLTAGE –
V
VCM FOR SINGLE
AND DUAL SUPPLIES
VCM FOR DUAL
SUPPLIES ONLY
Figure 2. Input Common-Mode Range vs. Supply
CONNECTION DIAGRAM
8-Lead Plastic Mini-DIP (N)
and SOIC (R) Packages
1
2
3
4
8
7
6
5
AD626
1/6
200k
–IN
ANALOG
GND
–VS
FILTER
+IN
G = 100
OUT
+VS
100k
G = 2
G = 30
200k
REV. D


Similar Part No. - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626 Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626 AD-AD626 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
AD626A AD-AD626A Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626AN AD-AD626AN Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626AN AD-AD626AN Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - AD626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626 Datasheet
166Kb / 12P
Low Cost, Single Supply Differential Amplifier
REV.C
AD626 AD-AD626_03 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
logo
Linear Technology
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com