Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5232 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices AD5232 Datasheet HTML 10Page - Analog Devices AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices AD5232 Datasheet HTML 13Page - Analog Devices AD5232 Datasheet HTML 14Page - Analog Devices AD5232 Datasheet HTML 15Page - Analog Devices AD5232 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 12 of 24
TEST CIRCUITS
Figure 22 to Figure 32 define the test conditions that are used in the Specifications section.
A
W
B
NC
DUT
NC = NO CONNECT
IW
VMS
Figure 22. Resistor Position Nonlinearity Error (Rheostat Operation; R-INL, R-DNL)
A
W
B
DUT
V+
V+ = VDD
1LSB = V+/2N
VMS
Figure 23. Potentiometer Divider Nonlinearity Error (INL, DNL)
A
W
B
DUT
IW = VDD/RNOMINAL
VMS1
VW
RW = [VMS1 – VMS2]/IW
VMS2
Figure 24. Wiper Resistance
A
W
B
V+ = VDD ± 10%
PSS (%/%) =
~
VA
V+
PSRR (dB) = 20 LOG
ΔVMS
ΔVDD
( )
ΔVMS%
ΔVDD%
VMS
VDD
Figure 25. Power Supply Sensitivity (PSS, PSRR)
OFFSET BIAS
AB
DUT
W
5V
OP279
VOUT
VIN
OFFSET
GND
Figure 26. Inverting Gain
OFFSET BIAS
AB
DUT
W
5V
VOUT
VIN
OFFSET
GND
OP279
Figure 27. Noninverting Gain
A
B
DUT
W
+15V
OP42
–15V
2.5V
VOUT
VIN
OFFSET
GND
Figure 28. Gain vs. Frequency
+
–
DUT
CODE = 0x00
0.1V
VSS TO VDD
W
B
A
A = NC
RSW =
0.1V
ISW
ISW
Figure 29. Incremental On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com