Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5232 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices AD5232 Datasheet HTML 13Page - Analog Devices AD5232 Datasheet HTML 14Page - Analog Devices AD5232 Datasheet HTML 15Page - Analog Devices AD5232 Datasheet HTML 16Page - Analog Devices AD5232 Datasheet HTML 17Page - Analog Devices AD5232 Datasheet HTML 18Page - Analog Devices AD5232 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 15 of 24
SERIAL DATA INTERFACE
The AD5232 contains a 4-wire SPI-compatible digital interface
(SDI, SDO, CS, and CLK) and uses a 16-bit serial data-word
that is loaded MSB first. The format of the SPI-compatible word
is shown in Table 7. The chip select (CS) pin must be held low
until the complete data-word is loaded into the SDI pin. When
CS returns high, the serial data-word is decoded according to
the instructions in Table 8. The command bits (Cx) control the
operation of the digital potentiometer. The address bits (Ax)
determine which register is activated. The data bits (Dx) are the
values that are loaded into the decoded register. Table 9 provides
an address map of the EEMEM locations. The last command
instruction executed prior to a period of no programming activity
should be the no operation (NOP) command instruction (Com-
mand Instruction 0). This instruction places the internal logic
circuitry in a minimum power dissipation state.
COUNTER
CLK
SDI
5V
SDO
GND
PR
WP
AD5232
CS
VALID
COMMAND
SERIAL
REGISTER
COMMAND
PROCESSOR
AND ADDRESS
DECODE
RPULL-UP
Figure 33. Equivalent Digital Input/Output Logic
The AD5232 has an internal counter that counts a multiple of
16 bits (per frame) for proper operation. For example, the AD5232
works with a 16-bit or 32-bit word, but it cannot work properly
with a 15-bit or 17-bit word. To prevent data from mislocking
(due to noise, for example), the counter resets if the count is not
a multiple of 4 when CS goes high, but the data remains in the
register if the count is a multiple of 4. In addition, the AD5232 has
a subtle feature whereby, if CS is pulsed without CLK and SDI,
the part repeats the previous command (except during power-
up). As a result, care must be taken to ensure that no excessive
noise exists in the CLK or CS line that may alter the effective
number of bits pattern.
The equivalent serial data input and output logic is shown in
Figure 33. The open-drain SDO is disabled whenever CS is logic
high. The SPI interface can be used in two slave modes: CPHA = 1,
CPOL = 1; and CPHA = 0, CPOL = 0. CPHA and CPOL refer
to the control bits that dictate SPI timing in the following micro-
processors and MicroConverter® devices: the ADuC812 and the
ADuC824, the M68HC11, and the MC68HC16R1/916R1. ESD
protection of the digital inputs is shown in Figure 34 and Figure 35.
GND
INPUTS
300Ω
VDD
LOGIC
PINS
AD5232
Figure 34. Equivalent ESD Digital Input Protection
GND
INPUTS
300Ω
VDD
WP
AD5232
Figure 35. Equivalent WP Input Protection
DAISY-CHAINING OPERATION
The SDO pin serves two purposes: it can be used to read back
the contents of the wiper setting and the EEMEM using Command
Instruction 9 and Command Instruction 10 (see Table 8), or it can
be used for daisy-chaining multiple devices.The remaining com-
mand instructions are valid for daisy-chaining multiple devices in
simultaneous operations. Daisy chaining minimizes the number
of port pins required from the controlling IC (see Figure 36).
The SDO pin contains an open-drain N-channel FET that requires
a pull-up resistor if this function is used. As shown in Figure 36,
users must tie the SDO pin of one package to the SDI pin of the
next package. Users may need to increase the clock period because
the pull-up resistor and the capacitive loading at the SDO-to-SDI
interface may require additional time delay between subsequent
packages. If two AD5232s are daisy-chained, 32 bits of data are
required. The first 16 bits go to U2, and the second 16 bits with
the same format go to U1. The 16 bits are formatted to contain
the 4-bit instruction, followed by the 4-bit address, followed by
the eight bits of data. The CS pin should be kept low until all 32 bits
are locked into their respective serial registers. The CS pin is then
pulled high to complete the operation.
SDI
SDO
CLK
CLK
SDI
SDO
AD5232
U1
AD5232
U2
CS
CS
VDD
MicroConverter
RP
2.2kΩ
Figure 36. Daisy-Chain Configuration Using the SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com