Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7734 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 4 Page - Analog Devices

  AD7734 Datasheet HTML 1Page - Analog Devices AD7734 Datasheet HTML 2Page - Analog Devices AD7734 Datasheet HTML 3Page - Analog Devices AD7734 Datasheet HTML 4Page - Analog Devices AD7734 Datasheet HTML 5Page - Analog Devices AD7734 Datasheet HTML 6Page - Analog Devices AD7734 Datasheet HTML 7Page - Analog Devices AD7734 Datasheet HTML 8Page - Analog Devices AD7734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7734
Data Sheet
Rev. A | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BIAS0 to 3, BIASHI Pin Impedance1, 8
12.5
15.5
kΩ
Input Resistor Matching
0.2
%
Input Resistor Temp. Coefficient
–30
ppm/°C
REFERENCE INPUTS
REFIN(+) to REFIN(–) Voltage1, 9
2.475
2.5
2.525
V
NOREF Trigger Voltage
0.5
V
NOREF Bit in Channel Status Register
REFIN(+), REFIN(–)
Common-Mode Voltage1
0
AV
DD
V
Reference Input DC Current10
400
µA
SYSTEM CALIBRATION1, 11
Full-Scale Calibration Limit
+1.05 × FS
V
Zero-Scale Calibration Limit
–1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
LOGIC INPUTS
Input Current
±1
µA
Input Current CS
±10
µA
CS = DVDD
–40
µA
CS = DGND, Internal Pull-Up Resistor
Input Capacitance
5
pF
V
T+
1
1.4
2
V
DV
DD = 5 V
V
T–
1
0.8
1.4
V
DV
DD = 5 V
V
T+ – VT–
1
0.3
0.85
V
DV
DD = 5 V
V
T+
1
0.95
2
V
DV
DD = 3 V
V
T–
1
0.4
1.1
V
DV
DD = 3 V
V
T+ – VT–
1
0.3
0.85
V
DV
DD = 3 V
MCLK IN ONLY
Input Current
±10
µA
Input Capacitance
5
pF
V
INL Input Low Voltage
0.8
V
DV
DD = 5 V
V
INH Input High Voltage
3.5
V
DV
DD = 5 V
V
INL Input Low Voltage
0.4
V
DV
DD = 3 V
V
INH Input High Voltage
2.5
V
DV
DD = 3 V
LOGIC OUTPUTS12
V
OL Output Low Voltage
0.4
V
I
SINK = 800 µA, DVDD = 5 V
V
OH Output High Voltage
4.0
V
I
SOURCE = 200 µA, DVDD = 5 V
V
OL Output Low Voltage
0.4
V
I
SINK = 100 µA, DVDD = 3 V
V
OH Output High Voltage
DV
DD – 0.6
V
I
SOURCE = 100 µA, DVDD = 3 V
Floating State Leakage Current
±1
µA
Floating State Leakage Capacitance
3
pF
P0, P1 INPUTS/OUTPUTS
Levels Referenced to Analog Supplies
Input Current
±10
µA
V
INL Input Low Voltage
0.8
V
AV
DD = 5 V
V
INH Input High Voltage
3.5
V
AV
DD = 5 V
V
OL Output Low Voltage
0.4
V
I
SINK = 7 mA, See Abs. Max. Ratings
V
OH Output High Voltage
4.0
V
I
SOURCE = 200 µA, AVDD = 5 V
POWER REQUIREMENTS
AV
DD–AGND Voltage
4.75
5.25
V
DV
DD–DGND Voltage
4.75
5.25
V
2.70
3.60
V
AV
DD Current (Normal Mode)
13.5
15.9
mA
AV
DD = 5 V
DV
DD Current (Normal Mode)
13
2.8
3.1
mA
DV
DD = 5 V
DV
DD Current (Normal Mode)
13
1.0
1.5
mA
DV
DD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com