Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7734 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7734 Datasheet HTML 15Page - Analog Devices AD7734 Datasheet HTML 16Page - Analog Devices AD7734 Datasheet HTML 17Page - Analog Devices AD7734 Datasheet HTML 18Page - Analog Devices AD7734 Datasheet HTML 19Page - Analog Devices AD7734 Datasheet HTML 20Page - Analog Devices AD7734 Datasheet HTML 21Page - Analog Devices AD7734 Datasheet HTML 22Page - Analog Devices AD7734 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD7734
Rev. A | Page 19 of 32
CHANNEL SETUP REGISTERS
8 Bits, Read/Write Register, Address 28h–2Bh, Default Value 00h
These registers are used to configure the selected channel, to configure its input voltage range, and to set up the corresponding channel
status register.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
0
0
0
Stat OPT
ENABLE
0
RNG1
RNG0
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
7–5
0
These bits must be 0 for proper operation.
4
Stat OPT
Status Option. When this bit is set to 1, the P0 and P1 bits in the channel status register will reflect the state of
the P0 and P1 pins. When this bit is reset to 0, the RDY bit in the channel status register will reflect the channel
corresponding to the RDY bit in the ADC status register.
3
ENABLE
Channel Enable. Set this bit to 1 to enable the channel in the continuous conversion mode. A single conversion
will take place regardless of this bit’s value.
2
0
This bit must be 0 for proper operation.
1–0
RNG1–RNG0
This is the channel input voltage range (see Table 15).
TABLE 15.
RNG1
RNG0
Nominal Input Voltage Range
0
0
±10 V
0
1
0 V to +10 V
1
0
±5 V
1
1
0 V to +5 V
CHANNEL CONVERSION TIME REGISTERS
8 Bits, Read/Write Register, Address 30h–33h, Default Value 91h
The conversion time registers enable or disable chopping and configure the digital filter for a particular channel. This register value
affects the conversion time, frequency response, and noise performance of the ADC.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
CHOP
FW (7-Bit Filter Word)
Default
1
11h
Bit
Mnemonic
Description
7
CHOP
Chopping Enable Bit. Set to 1 to apply chopping mode for a particular channel.
6–0
FW
CHOP = 1, single conversion or continuous conversion with one channel enabled.
Conversion Time (µs) = (FW × 128 + 248)/MCLK Frequency (MHz), the FW range is 2 to 127.
CHOP = 1, continuous conversion with two or more channels enabled.
Conversion Time (µs) = (FW × 128 + 249)/MCLK Frequency (MHz), the FW range is 2 to 127.
CHOP = 0, single conversion or continuous conversion with one channel enabled.
Conversion Time (µs) = (FW × 64 + 206)/MCLK Frequency (MHz), the FW range is 3 to 127.
CHOP = 0, continuous conversion with two or more channels enabled.
Conversion Time (µs) = (FW × 64 + 207)/MCLK Frequency (MHz), the FW range is 3 to 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com