Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5331 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5331_08 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
7
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Operating Characteristics (Cont.)
VIN Dropout Voltage vs. Output Current
Output Current (A)
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-50°C
V
REF=0.9V
V
CNTL=5.0V
VCNTL Input Current vs.
V
IN - VOUT Voltage at IOUT=1A
V
IN - VOUT Voltage (V)
VCNTL-to-VOUT Dropout Voltage vs.
VCNTL Input Current
VCNTL Input Current, I
CNTL (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN Dropout Voltage vs. Output Current
Output Current (A)
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-50°C
V
REF=0.9V
V
CNTL=3.3V
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
I
OUT = 1A
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
I
OUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com