Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5331 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL5331_08 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331_08 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
12
Typical Application Circuit
C
OUT : 470µF, ESR=25mΩ
R1, R2 : 1k
Ω, 1%
Q1 : APM2300 AC
Note : Since R1 and R2 are very small, the voltage offset
caused by the bias current of VREF can be ignore.
1. V
OUT=1.25V/0.9V Application
V
CNTL
+3.3V
C
CNTL
47
µF
V
OUT
+1.25V/0.9V
-3~+3A
C
SS
0.1
µF
GND
R1
1k
R2
1k
V
IN
+2.5V/1.8V
GND
C
IN
470
µF
Q1
Shutdown
C
OUT
470
µF
V
REF
GND
VREF
VIN
VOUT
VCNTL
2. V
OUT=1.4V Application
3. General Application
V
CNTL
+5V
C
CNTL
47
µF
V
OUT
+1.4V/
-3~+3A
CSS
0.1
µF
GND
R1
1k
R2
1k
V
IN
+2.8V
GND
C
IN
470
µF
C
OUT
470
µF
V
REF
GND
VREF
VIN
VOUT
VCNTL
V
CNTL
+5V
C
CNTL
1
µF
V
OUT
1.2V/-2~+1.8A
C
SS
0.1
µF
GND
R1
R2
2k
V
IN
+1.8V
GND
C
IN
22
µF
C
OUT
100
µF
V
REF
GND
VREF
VIN
VOUT
VCNTL
V
REFIN
+1.8V
1k
(V)
R2
R1
R2
V
V
REFIN
OUT
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com