Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5331 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
10
Operating Waveforms (Cont.)
3. Load Transient Response : I
OUT = +3A -> -3A -> +3A
- V
IN = 2.5V, VCNTL = 3.3V
- V
REF is 1.250V supplied by a regulator
- C
OUT = 470µF/10V, ESR = 30mΩ
- I
OUT slew rate = ±3A/µs
I
OUT = +3A -> -3A
Ch1 : V
OUT, 50mV/Div, DC,
Offset = 1.250V
Ax1 : I
OUT, 2A/Div
Time : 1
µs/Div
Ch1 : V
OUT, 50mV/Div, DC,
Offset = 1.250V
Ax1 : I
OUT, 2A/Div
Time : 20
µs/Div
Ch1 : V
OUT, 50mV/Div, DC,
Offset = 1.250V
Ax1 : I
OUT, 2A/Div
Time : 1
µs/Div
I
OUT = +3A -> -3A -> +3A
I
OUT = -3A -> +3A
V
OUT
I
OUT
V
OUT
I
OUT
+3A
-3A
V
OUT
I
OUT
4. Short-Circuit Test
- V
IN = 2.5V, VCNTL = 3.3V
V
OUT is Shorted to GND
V
OUT
I
OUT
Ch1 : V
OUT, 500mV/Div, DC,
Ax1 : I
OUT, 2A/Div
Time : 5ms/Div
Ch1 : V
OUT, 500mV/Div, DC,
Ax1 : I
OUT, 2A/Div
Time : 5ms/Div
V
OUT is Shorted to VIN (2.5V)
V
OUT
I
OUT
V
OUT
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com