Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5331 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
14
Application Information (Cont.)
0
5
10
15
20
25
10
100
1000
Capacitance(
µF)
Stable Region
0
5
10
15
20
25
10
100
1000
Capacitance(
µF)
Stable Region
For DDR SDRAM VTT Applications
Reference Voltage
A reference voltage is applied at the VREF pin by a
resistor divider between VIN and GND pins. Normally,
the bias current flowing out of the VREF pin and is
about 150nA (typ.), creating voltage offset at the
resistor divider and affecting the output voltage
accuracy. The recommended resistor is <5k
Ω to maintain
accuracy of the output voltage. An external bypass
capacitor (>0.1
µF) is also connected to VREF. The
capacitor and the resistor divider form a low-pass filter
to reduce the inherent reference noise from VIN.
Connect the capacitor as close to VREF as possible
for optimal effect. Do not place any additional loading
on this reference input pin.
Output Capacitor
The APL5331 requires a proper output capacitor to
maintain stability and improve transient response. The
output capacitor selection is dependent upon the ESR
(equivalent series resistance) and capacitance of the
output capacitor over full temperature range. The
following chart shows the stable region of the output
capacitor for APL5331. The stable region is above the
curve, indicating minimum required ESR and capacitance
to maintain stability. However, the output capacitor
should have an ESR less than 1
Ω.
Ultra-low-ESR capacitors, such as ceramic chip
capacitors, may promote under-damped transient
response, but proper ceramic chip capacitors placed
near loads can be used as decoupling capacitors. A
low-ESR solid tantalum and aluminum electrolytic
capacitor (ESR<1
Ω) works extremely well and provides
good transient response and stability over temperature.
The output capacitors are also used to reduce the slew
rate of load current and help the APL5331 to minimize
variations of the output voltage, improving transient
response. For this purpose, the low-ESR capacitors
depending on the step size and slew rate of a load
current step are recommended.
Input Capacitor
The input capacitors for VCNTL and VIN pins are not
required for stability but for supplying surge currents
during large load transients. The input capacitors
prevent the input rail from dipping to improve the
performance of the APL5331. Reducing the parasitic
inductance and resistance of current paths from
power sources to the APL5331 also reduces voltage
dips on VCNTL and VIN pins.
A capacitor of 1
µF (ceramic chip capacitor) or greater
(aluminum electrolytic capacitor) is recommended for
VCNTL pin. For VIN pin, an aluminum electrolytic
capacitor (>50
µF) is recommended. It is not neces-
sary to use low-ESR capacitors.
Layout and Thermal Consideration
The input capacitors for VIN and VCNTL pins are normally
placed near each pin for good performances. Ceramic
decoupling capacitors for loads must be placed as close
to the loads to reduce the parasitic inductors of traces.
It is also recommended that the APL5331 and output
capacitors are placed near the load for good load
Output Capacitor (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com