Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5338 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration APL5338 Datasheet HTML 10Page - Anpec Electronics Coropration APL5338 Datasheet HTML 11Page - Anpec Electronics Coropration APL5338 Datasheet HTML 12Page - Anpec Electronics Coropration APL5338 Datasheet HTML 13Page - Anpec Electronics Coropration APL5338 Datasheet HTML 14Page - Anpec Electronics Coropration APL5338 Datasheet HTML 15Page - Anpec Electronics Coropration APL5338 Datasheet HTML 16Page - Anpec Electronics Coropration APL5338 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
13
Package Information
MSOP-10P
L
VIEW A
GAUGE PLANE
SEATING PLANE
S
Y
M
B
O
L
MIN.
MAX.
1.10
0.00
0.17
0.33
0.08
0.23
0.15
A
A1
b
c
D
E
E1
e
L
MILLIMETERS
A2
0.75
0.95
0.50 BSC
MSOP-10P
0.40
0.80
0.020 BSC
MIN.
MAX.
INCHES
0.043
0.000
0.030
0.037
0.007
0.013
0.003
0.009
0.016
0.031
0
0.006
0
°
8
°
0
°
8
°
4.70
5.10
2.90
3.10
2.90
3.10
0.114
0.122
0.185
0.201
0.114
0.122
Note: 1. Follow JEDEC MO-187 BA-T.
2. Dimension “D”does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion or gate burrs shall not flash or protrusions.
3. Dimension “E1” does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 6 mil per side.
EXPOSED
PAD
e
b
D
D1
E2
1.50
2.50
0.059
0.098
D1
1.50
2.50
0.059
0.098
SEE
VIEW A
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com