Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5338 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5338 Datasheet HTML 1Page - Anpec Electronics Coropration APL5338 Datasheet HTML 2Page - Anpec Electronics Coropration APL5338 Datasheet HTML 3Page - Anpec Electronics Coropration APL5338 Datasheet HTML 4Page - Anpec Electronics Coropration APL5338 Datasheet HTML 5Page - Anpec Electronics Coropration APL5338 Datasheet HTML 6Page - Anpec Electronics Coropration APL5338 Datasheet HTML 7Page - Anpec Electronics Coropration APL5338 Datasheet HTML 8Page - Anpec Electronics Coropration APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 7
V
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
VTT
VTT Output Voltage (VTT to GND)
-0.3 ~ 7
V
VTTREF
VTTREF Output Voltage (VTTREF to GND)
-0.3 ~ 7
V
VTTSNS, VREF, S3 and S5 Voltage
-0.3 ~ 7
V
PGND to GND Voltage
-0.3 ~ 0.3
V
PD
Power Dissipation
Internally Limited
W
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature Range
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
MSOP-10P
TDFN3x3-10
60
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of MSOP-10P and TDFN3x3-10 is soldered directly on the PCB.
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Package Code
XA : MSOP-10P QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5338
Handling Code
Temperature Range
Package Code
APL5338 XA :
XXXXX - Date Code
Assembly Material
L5338
XXX
XX
APL5338 QB :
XXXXX - Date Code
APL
5338
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com