Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5338AXAI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5338AXAI-TRG
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338AXAI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5338AXAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
8
Operating Waveforms
Startup Waveform-S5 Low to High
Startup Waveform-S3 Low to High
CH1: V
S5, 5V/Div, DC
TIME:100
µs/Div
CH2: V
S3, 5V/Div, DC
CH3: V
TTREF, 500mV/Div, DC
CH4: V
TT, 500mV/Div, DC
I
VTT=IVTTREF=0A
CH1: V
S5, 5V/Div, DC
TIME:100
µs/Div
CH2: V
S3, 5V/Div, DC
CH3: V
TTREF, 500mV/Div, DC
CH4: V
TT, 500mV/Div, DC
I
VTT=IVTTREF=0A
2
3
1
4
V
S5
V
TTREF
V
S3
V
TT
Shutdown Waveform-S3 High to Low
Shutdown Waveform-S3 and S5 High to Low
CH1: V
S5, 5V/Div, DC
TIME:100
µs/Div
CH2: V
S3, 5V/Div, DC
CH3: V
TTREF, 500mV/Div, DC
CH4: V
TT, 500mV/Div, DC
I
VTT=IVTTREF=0A
CH1: V
S5, 5V/Div, DC
TIME:100
µs/Div
CH2: V
S3, 5V/Div, DC
CH3: V
TTREF, 500mV/Div, DC
CH4: V
TT, 500mV/Div, DC
I
VTT=IVTTREF=0A
2
3
1
4
V
S5
V
TTREF
V
S3
V
TT
(Refer to the section “Typical Application Circuits” V
CNTL=5V, VIN=VREF=1.8V, TA=25
oC)
V
S5
V
TTREF
2
3
1
4
V
S3
V
TT
V
S5
V
TTREF
2
3
1
4
V
S3
V
TT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com