Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5338AXAI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5338AXAI-TRG
Description  2A Bus Termination Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338AXAI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5338AXAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5338AXAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2013
APL5338A
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=VREF=1.8V, CIN=10µF, COUT=10µF and TA= -40 ~ 85
oC.
Typical values are at T
A=25
oC.
APL5338A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCNTL
VCNTL Supply Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=5V, no load
0.2
0.5
1
mA
VCNTL Standby Current
TJ = 25
oC, V
CNTL=5V, VS3=0V, VS5=5V,
no load
20
50
80
VCNTL Shutdown Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=0V, no load,
VIN=VREF=0V
-
0.3
1.0
µA
VIN
VIN Supply Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=5V, no load
0.3
0.6
1.0
mA
VIN Standby Current
TJ = 25
oC, V
CNTL=5V, VS3=0V, VS5=5V,
no load
-
5
10
VIN Shutdown Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=0V, no load,
VIN=VREF=0V
-
0.5
1.0
µA
INPUT IMPEDANCE
IVREF
VREF Input Impedance
VCNTL=5V, VS3=VS5=5V
1
3
5
µA
IVTTSNS
VTTSNS Input Current
VCNTL=5V, VS3=VS5=5V
-
10
-
nA
POWER-ON-RESET (POR) AND LOCKOUT VOLTAGE THRESHOLDS
VCNTL POR Voltage Threshold
VCNTL rising
2.6
2.8
3.0
VCNTL POR Hysteresis
-
0.2
-
V
VTT OUTPUT
VIN=VREF=1.8V
-
0.9
-
VIN=VREF=1.5V
-
0.75
-
VTT Output Voltage
VIN=VREF=1.35V
-
0.675
-
V
VTT Output Accuracy to
VTTREF
VIN=VREF=1.35V/1.5V/1.8V,
over temperature and load current range
-10
-
10
mV
VCNTL=5V
Sourcing Current
2.8
3.0
3.5
ILIM
VTT Current Limit
VCNTL=5V
Sinking Current
-2.8
-3.0
-3.5
A
VTT Leakage Current
VTT=0.9V, VS3=0V, VS5=5V, TJ =25
oC
-
2.5
4.0
VTTSNS Leakage Current
VTT=0.9V, TJ =25
oC
-1.0
-
1.0
µA
VTT Discharge Current
VTT=0.5V, VS3=VS5=0V, TJ =25
oC, V
REF=0V
15
25
35
mA
VTT OUTPUT
VIN=VREF=1.8V
-
0.9
-
VIN=VREF=1.5V
-
0.75
-
VTTREF
VTTREF Output Voltage
VIN=VREF=1.35V
-
0.675
-
V
VTTREF Output Voltage
Tolerance to 0.5VREF
VIN=VREF, IVTTREF<10mA
-10
-
+10
mV
IVTTREF
VTTREF Source Current Limit
VTTREF=0V
10
20
30
IVTTREFDIS
VTTREF Discharge Current
VTTREF=0.5V, VS3=VS5=0V, TJ =25
oC
0.3
0.5
0.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com