Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7145 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7145
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7145 Datasheet HTML 2Page - Anpec Electronics Coropration APW7145 Datasheet HTML 3Page - Anpec Electronics Coropration APW7145 Datasheet HTML 4Page - Anpec Electronics Coropration APW7145 Datasheet HTML 5Page - Anpec Electronics Coropration APW7145 Datasheet HTML 6Page - Anpec Electronics Coropration APW7145 Datasheet HTML 7Page - Anpec Electronics Coropration APW7145 Datasheet HTML 8Page - Anpec Electronics Coropration APW7145 Datasheet HTML 9Page - Anpec Electronics Coropration APW7145 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2011
APW7145
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Oscillator Frequency vs.
Junction Temperature
Junction Temperature, T
J (
o
C)
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=4.7µH)
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com