Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7165C Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7165C Datasheet HTML 1Page - Anpec Electronics Coropration APW7165C Datasheet HTML 2Page - Anpec Electronics Coropration APW7165C Datasheet HTML 3Page - Anpec Electronics Coropration APW7165C Datasheet HTML 4Page - Anpec Electronics Coropration APW7165C Datasheet HTML 5Page - Anpec Electronics Coropration APW7165C Datasheet HTML 6Page - Anpec Electronics Coropration APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
5V to 12V Synchronous Buck Controller
Features
•
Wide Operation Supply Voltage from 5V to 12V
•
Power-On-Reset Monitoring on VCC
•
Excellent Reference Voltage Regulations
- 0.6V Internal Reference
- ±1% Over Temperature Range
•
Integrated Soft-Start
•
Automatic PSM/PWM Modes
•
Voltage Mode PWM Operation with 90% (Max.)
Duty Cycle
•
Under-Voltage Protection
•
Adjustable Over-Current Protection Threshold
- Sensing the R
DS(ON) of Low-Side MOSFET
•
Over-Voltage Protection
•
Under-Voltage Protection
•
Simple SOP-8P Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
•
Graphic Cards
•
DSL, Switch HUB
•
Wireless Lan
•
Notebook Computer
•
Mother Board
•
LCD Monitor/TV
The APW7165Cis a voltage mode, fixed 300kHz-switch-
ing frequency, and synchronous buck controller. The
APW7165C allows wide input voltage that is either a
single 5~12V or two supply voltage(s) for various
applications. A power-on-reset (POR) circuit monitors the
VCC supply voltage to prevent wrong logic controls. A built-
in digital soft-start circuit prevents the output voltages from
overshoot as well as limits the input current. An internal
0.6V temperature-compensated reference voltage with
high accuracy is designed to meet the requirement of
low output voltage applications. The APW7165C provides
excellent output voltage regulations against load current
variation.
The controller’s over-current protection monitors the out-
put current by using the voltage drops across the R
DS(ON)
of low-side MOSFET, eliminating the need for a current
sensing resistor that features high efficiency and low cost.
The APW7165C also integrates over-voltage protection
(OVP) and under-voltage protection circuit which moni-
tors the FB voltage to prevent the PWM output from over
and under voltage.
The APW7165C is available in a simple SOP-8P package.
Pin Configuration
GND 3
UGATE 2
7 COMP
LGATE 4
6 FB
5 VCC
8 PHASE
BOOT 1
9
GND
SOP-8P
(Top View)
Simplified Application Circuit
PHASE
FB GND
VCC
LGATE
COMP
V
IN
V
OUT
UGATE
BOOT
5
7
6
3
4
8
2
1
ON
OFF
V
VCC
APW7165C


Similar Part No. - APW7165C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
APW7165A ANPEC-APW7165A Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
APW7165KE-TRG ANPEC-APW7165KE-TRG Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
More results

Similar Description - APW7165C

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com