Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7165C Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7165C Datasheet HTML 1Page - Anpec Electronics Coropration APW7165C Datasheet HTML 2Page - Anpec Electronics Coropration APW7165C Datasheet HTML 3Page - Anpec Electronics Coropration APW7165C Datasheet HTML 4Page - Anpec Electronics Coropration APW7165C Datasheet HTML 5Page - Anpec Electronics Coropration APW7165C Datasheet HTML 6Page - Anpec Electronics Coropration APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VVCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 16
V
VBOOT
BOOT to PHASE Voltage
-0.3 ~ 16
V
> 400ns
-0.3 ~ VBOOT+0.3
V
VUGATE
UGATE to PHASE Voltage
< 400ns
-5 ~ VBOOT+5
V
> 400ns
-0.3 ~ VVCC+0.3
V
VLGATE
LGATE to GND Voltage
< 400ns
-5 ~ VVCC+5
V
> 200ns
-0.3 ~ 16
V
VPHASE
PHASE to GND Voltage
< 200ns
-10 ~ 30
V
FB and COMP to GND (< VVCC + 0.3V)
-0.3 ~ 7
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
SOP-8P
80
°C/W
θ
JC
Thermal Resistance -Junction to Case
SOP-8P
20
°C/W
Thermal Characteristics
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
APW7165C
Handling Code
Temperature Range
Package Code
Assembly Material
APW7165C KA:
XXXXX - Date Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
E : -20 to 70oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7165C
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com