Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8819 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8819
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8819 Datasheet HTML 9Page - Anpec Electronics Coropration APW8819 Datasheet HTML 10Page - Anpec Electronics Coropration APW8819 Datasheet HTML 11Page - Anpec Electronics Coropration APW8819 Datasheet HTML 12Page - Anpec Electronics Coropration APW8819 Datasheet HTML 13Page - Anpec Electronics Coropration APW8819 Datasheet HTML 14Page - Anpec Electronics Coropration APW8819 Datasheet HTML 15Page - Anpec Electronics Coropration APW8819 Datasheet HTML 16Page - Anpec Electronics Coropration APW8819 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
13
Pin Description
NO.
QFN-20 TQFN-16
NAME
FUNCTION
1
-
VTTSNS
Voltage sense input for the VTT LDO. Connect to plus terminal of the VTT LDO output
capacitor.
2
2
VLDOIN
Supply voltage input for the VTT LDO.
3
3
VTT
Power output for the VTT LDO.
4
-
VTTGND
Power ground output for the VTT LDO.
5
4
VTTREF
VTTREF buffered reference output.
6
5
VREF
1.8V Reference Output. A recommended capacitor with a value of 0.1uF should be attached
to the VREF terminal.
7
Thermal
Pad
GND
Signal ground for the PWM controller and VTT LDO. Connect to minus terminal of the VTT
LDO output capacitor.
8
6
REFIN
Reference input for VDDQ. Programmed by the resistor-divider connected between VREF
and GND.
9
7
VDDQSNS
VDDQ reference input for VTT and VTTREF. Power supply for the VTTREF. Discharge
current sinking terminal for VDDQ non-tracking discharge. Output voltage feedback input for
VDDQ output if VDDQSET pin is connected to VCC or GND.
10
-
PGND
Power ground of the LGATE low-side MOSFET driver. Connect the pin to the Source of the
low-side MOSFET. Also it is current sense comparator positive input terminal and the
ground of power good circuit.
11
8
LGATE
Output of the low-side MOSFET driver for PWM. Connect this pin to Gate of the low-side
MOSFET. Swings from PGND to VCC.
12
9
VCC
Filtered 5V power supply input for internal control circuitry.
13
10
PHASE
Junction point of the high-side MOSFET Source, output filter inductor and the low-side
MOSFET Drain. Connect this pin to the Source of the high-side MOSFET. PHASE serves as
the lower supply rail for the UGATE high-side gate driver.
14
11
UGATE
Output of the high-side MOSFET driver for PWM. Connect this pin to Gate of the high-side
MOSFET.
15
12
BOOT
Supply Input for the UGATE Gate Driver and an internal level-shift circuit. Connect to an
external capacitor and diode to create a boosted voltage suitable to drive a logic-level
N-channel MOSFET.
16
13
S5
S5 signal input.
17
14
S3
S3 signal input.
18
15
OC
Over-current trip voltage setting input for RDS(ON) current sense scheme. Connect resistor to
GND to set over-current threshold at VOC/8.
19
16
MODE
Discharge mode and switching frequency setting pin.
20
1
POK
Power-okay output pin. POK is an open drain output used to Indicate the status of the output
voltage. When VDDQ output voltage is within the target range, it is in high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com