Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8819 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW8819
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW8819 Datasheet HTML 17Page - Anpec Electronics Coropration APW8819 Datasheet HTML 18Page - Anpec Electronics Coropration APW8819 Datasheet HTML 19Page - Anpec Electronics Coropration APW8819 Datasheet HTML 20Page - Anpec Electronics Coropration APW8819 Datasheet HTML 21Page - Anpec Electronics Coropration APW8819 Datasheet HTML 22Page - Anpec Electronics Coropration APW8819 Datasheet HTML 23Page - Anpec Electronics Coropration APW8819 Datasheet HTML 24Page - Anpec Electronics Coropration APW8819 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
21
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, select
the capacitor voltage rating to be at least 1.3 times higher
than the maximum input voltage. The maximum RMS
current rating requirement is approximately I
OUT/2, where
I
OUT is the load current. During power up, the input capaci-
tors have to handle large amount of surge current. In low-
duty notebook appliactions, ceramic capacitors are
remmended. The capacitors must be connected between
the drain of high-side MOSFET and the source of low-
side MOSFET with very low-impeadance PCB layout.
Application Information (Cont.)
MOSFET Selection
The application for a notebook battery with a maximum
voltage of 24V, at least a minimum 30V MOSFETs
should be used. The design has to trade off the gate
charge with the R
DS(ON) of the MOSFET:
For the low-side MOSFET, before it is turned on, the
body diode has been conducted. The low-side MOSFET
driver will not charge the miller capacitor of this
MOSFET.
In the turning off process of the low-side MOSFET,
the load current will shift to the body diode first. The
high dv/dt of the phase node voltage will charge the
miller capacitor through the low-side MOSFET driver
sinking current path. This results in much less
switching loss of the low-side MOSFETs. The duty
cycle is often very small in high battery voltage
applications, and the low-side MOSFET will con-
duct most of the switching cycle; therefore, the R
DS(ON)
of the low-side MOSFET, the less the power loss. The
gate charge for this MOSFET is usually a secondary
consideration. The high-side MOSFET does not have
this zero voltage switching condition, and because
it conducts for less time compared to the low-side
MOSFET, the switching loss tends to be dominant.
Priority should be given to the MOSFETs with less
gate charge, so that both the gate driver loss and
switching loss will be minimized.
•
•
The selection of the N-channel power MOSFETs are de-
termined by the R
DS(ON), reversing transfer capacitance
(C
RSS) and maximum output current requirement. The
losses in the MOSFETs have two components: conduc-
tion loss and transition loss. For the high-side and low-
side MOSFETs, the losses are approximately given by
the following equations :
P
high-side = IOUT
2
(1+ TC)(R
DS(ON))D + (0.5)( IOUT)(VIN)( tSW)FSW
P
low-side = IOUT
2
(1+ TC)(R
DS(ON))(1-D)
Where
I
OUT
is the load current
TC is the temperature dependency of R
DS(ON)
F
SW is the switching frequency
t
SW is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the high-side MOSFET includes an additional transi-
tion loss. The switching internal, t
SW , is the function
of the reverse transfer capacitance C
RSS. The (1+TC) term
is to factor in the temperature dependency of the R
DS(ON)
and can be extracted from the “R
DS(ON) vs Temperature”
curve of the power MOSFET..
Layout Consideration
In any high switching frequency converter, a correct layout
is important to ensure proper operation of the regulator.
With power devices switching at higher frequency, the
resulting current transient will cause voltage spike across
the interconnecting impedance and parasitic circuit
elements. As an example, consider the turn-off transition
of the PW M MOSFET. Before turn-off condition, the
MOSFET is carrying the full load current. During turn-off,
current stops flowing in the MOSFET and is freewheeling
by the lower MOSFET and parasitic diode. Any parasitic
inductance of the circuit generates a large voltage spike
during the switching interval. In general, using short and
wide printed circuit traces should minimize interconnect-
ing impedances and the magnitude of voltage spike. And
signal and power grounds are to be kept separating and
finally combined to use the ground plane construction or
single point grounding. The best tie-point between the
signal ground and the power ground is at the negative
side of the output capacitor on each channel, where there
is less noise. Noisy traces beneath the IC are not
recommended. Below is a checklist for your layout:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com