Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS04020C4641DPWE Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MCS04020C4641DPWE
Description  Professional Thin Film Chip Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020C4641DPWE Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MCS04020C4641DPWE Datasheet HTML 4Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 5Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 6Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 7Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 8Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 9Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 10Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 11Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
8
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification (includes tests)
EN 140400, sectional specification (includes schedule for
qualification approval)
EN 140401-801, detail specification (includes schedule for
conformance inspection)
The components are approved in accordance with the
European CECC-system, where applicable. The following
table contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 60115-1, 4.31 unless otherwise
specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801. However, some
additional tests and a number of improvements against
those minimum requirements have been included.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 0.5
STABILITY CLASS 1
Stability for product types:
MCS 0402
10
 to 33.2 k
> 33.2 k
to 4.99 M
MCT 0603
10
 to 100 k
1
 to < 10 ;
> 100 k
 to 10 M
MCU 0805
10
 to 221 k
1
 to < 10 ;
> 221 k
 to 10 M
MCA 1206
10
 to 332 k
1
 to < 10 ;
> 332 k
 to 2 M
4.5
-
Resistance
-
± 1 % R; ±
0.5 % R
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20) °C and
(20/125/20) °C
± 50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance
at 70 °C:
Standard
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.25 % R + 0.05
)
70 °C; 8000 h
±
(0.5 % R + 0.05 )
Endurance
at 70 °C:
Power
operation mode
U =
or U = Umax.;
whichever is the less
severe;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.5 % R + 0.05
)
70 °C; 8000 h
±
(1 % R + 0.05 )
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
±
(0.25 % R + 0.05 )
± (0.5 % R + 0.05
)
155 °C; 1000 h
± (0.5 % R +0.05
)±(1 % R + 0.05 )
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (0.5 % R +0.05
)±(1 % R + 0.05 )
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com