Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS04020C4641DPWE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCS04020C4641DPWE
Description  Professional Thin Film Chip Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020C4641DPWE Datasheet(HTML) 3 Page - Vishay Siliconix

  MCS04020C4641DPWE Datasheet HTML 1Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 2Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 3Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 4Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 5Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 6Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 7Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 8Page - Vishay Siliconix MCS04020C4641DPWE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
3
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
SOLDER PAD DIMENSIONS
Note
• The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a high level of ambient temperature or of
power dissipation may raise the temperature of the solder joint, hence special solder alloys or board materials may be required to maintain
the reliability of the assembly.
Specified power rating above 125 °C requires dedicated heat-sink pads, which depend on board materials.
The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or
in publication IPC-7351. They do not guarantee any supposed thermal properties, particularly as these are also strongly influenced by many
other parameters.
Still, the given solder pad dimensions will be found adequate for most general applications, e.g. those referring to “standard operation
mode”. Please note however that applications for “power operation mode” require special considerations for the design of solder pads and
adjacent conductor areas.
DIMENSIONS AND MASS
TYPE
H
(mm)
L
(mm)
W
(mm)
WT
(mm)
Tt
(mm)
Tb
(mm)
MASS
(mg)
MCS 0402
0.32 ± 0.05
1.0 ± 0.05
0.5 ± 0.05
> 75 % of W
0.2 + 0.1/- 0.15
0.2 ± 0.1
0.6
MCT 0603
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
MCU 0805
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.6
MCA 1206
0.55 ± 0.1
3.2 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.5 ± 0.25
0.5 ± 0.25
9.2
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
MCS 0402
-
-
-
-
0.35
0.55
0.55
1.45
MCT 0603
0.55
1.10
1.10
2.75
0.65
0.70
0.95
2.05
MCU 0805
0.80
1.25
1.50
3.30
0.90
0.90
1.40
2.70
MCA 1206
1.40
1.50
1.90
4.40
1.50
1.15
1.75
3.80
T
b
T
t
L
H
W
W
T
G
X
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com