Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP708F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP708F Datasheet HTML 2Page - Toshiba Semiconductor TLP708F Datasheet HTML 3Page - Toshiba Semiconductor TLP708F Datasheet HTML 4Page - Toshiba Semiconductor TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor TLP708F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLP708,TLP708F
2012-08-07
6
VCC = 5 V
IF = 10 mA
Ta = 125°C
100°C
80°C
50°C
25°C
0°C
−20°C
−40°C
This curve shows the maximum limit
to the input forward current.
VCC = 5 V
Ta = 25°C
IF – VF
IF – Ta
Input forward voltage VF (V)
Ambient temperature Ta (°C)
VOL – Ta
Ambient temperature Ta (°C)
VO – IF
Input forward current IF (mA)
IO = 16 mA
IO = 12.8 mA
IO = 9.6 mA
IO = 6.4 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω
VCC = 5 V
Ambient temperature Ta (°C)
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
IFHL – Ta
VCC = 5 V
ICCH: IF = 0 mA
ICCL: IF = 10 mA
ICCL
ICCH, ICCL – Ta
Ambient temperature Ta (°C)
ICCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com