Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP708F Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TLP708F
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708F Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TLP708F Datasheet HTML 5Page - Toshiba Semiconductor TLP708F Datasheet HTML 6Page - Toshiba Semiconductor TLP708F Datasheet HTML 7Page - Toshiba Semiconductor TLP708F Datasheet HTML 8Page - Toshiba Semiconductor TLP708F Datasheet HTML 9Page - Toshiba Semiconductor TLP708F Datasheet HTML 10Page - Toshiba Semiconductor TLP708F Datasheet HTML 11Page - Toshiba Semiconductor TLP708F Datasheet HTML 12Page - Toshiba Semiconductor TLP708F Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TLP708 / TLP708F
2012-08-07
12
3.6
Reel
(1)
Material: Plastic
(2)
Dimensions: The reel dimensions are as shown in Figure 3 and Table 3.
Figure 3 Reel Forms
4. Packing
Either one reel or five reels of photocouplers are packed in a shipping carton.
5. Label Indication
The carton bears a label indicating the product number, the symbol representing classification of standard, the quantity, the
lot number and the Toshiba company name.
6. Ordering Method
When placing an order, please specify the product number, the CTR rank, the tape type and the quantity as shown in the
following example.
(Example) TLP708 (TP, F) 1500 pcs
Quantity (must be a multiple of 1500)
[[G]]/RoHS COMPATIBLE (Note 6)
Tape type
Device name
Note 6 :Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility
of Product.
RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of
the use of certain hazardous substances in electrical and electronics equipment.
Symbol
Dimension
A
φ380 ± 2
B
φ80 ± 1
C
φ13 ± 0.5
E
2.0
± 0.5
U
4.0
± 0.5
W1
17.5
± 0.5
W2
21.5
± 1.0
E
W1
W2
4
Table 3 Reel Dimension
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com