Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1341CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1341CS
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1341CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1341CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AIC1341
2
n TYPICAL APPLICATION CIRCUIT
+
+
UGATE
PHASE
VIN2
LGATE
GATE3
PGND
FB3
GATE2
FB2
COMP1
SS
GND
+5VIN
VCC
+12VIN
15
OCSET
4
7
11
8
6
VOUT2
VOUT3
+3.3VIN
12
13
16
1
2
14
14
VOUT1
+
5
GND
FB1
3
SD
10
+
+3.3VIN
AIC1341CS
Q1
Q2
Typical Triple-Output Application
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
AIC1341-XX
AIC1341CS
(SO 16)
PACKAGING TYPE
S: SMALL OUTLINE
TEMPERATURE RANGE
C: O
°C~+70°C
1
3
4
2
5
7
6
8
FB2
UGATE
SD
VCC
PHASE
SS
VIN2
GATE2
OCSET
LGATE
PGND
FB3
FB1
COMP1
GATE3
GND
16
14
15
13
12
11
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com