Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1341CS Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # AIC1341CS
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1341CS Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1341CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 13Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 14Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AIC1341
13
n APPLICATION CIRCUIT
+
+
UGATE
PHASE
VIN2
LGATE
GATE3
PGND
FB3
GATE2
FB2
COMP1
SS
GND
+5VIN
VCC
+12VIN
15
OCSET
4
7
11
8
6
2.5V
3.3V
VOUT2
VOUT3
+5.0VIN
12
13
16
1
2
14
14
5V OUT
+
5
GND
FB1
3
SD
10
+
+5.0VIN
1000µF *5
0.1µF
1000
µF*2
6030L
6030L
2K
24K
8.2K
91K
1000pF
33pF
3.9K
2.4K
2.4K
2.4K
1µH
7µH
1000pF
K
10
0.1
µF
1µF
6030L
6030L
AIC1341CS
Circuit 1 Multiple Voltage Power application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com