Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8821 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8821 Datasheet HTML 10Page - Anpec Electronics Coropration APW8821 Datasheet HTML 11Page - Anpec Electronics Coropration APW8821 Datasheet HTML 12Page - Anpec Electronics Coropration APW8821 Datasheet HTML 13Page - Anpec Electronics Coropration APW8821 Datasheet HTML 14Page - Anpec Electronics Coropration APW8821 Datasheet HTML 15Page - Anpec Electronics Coropration APW8821 Datasheet HTML 16Page - Anpec Electronics Coropration APW8821 Datasheet HTML 17Page - Anpec Electronics Coropration APW8821 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
14
Function Description (Cont.)
Digital Soft-Start
Power OK Indicator
The APW8821 integrates digital soft-start circuits to ramp
up the output voltage of the converter to the programmed
regulation setpoint at a predictable slew rate. The slew
rate of output voltage is internally controlled to limit the
inrush current through the output capacitors during soft-
start process. The figure 1 shows soft-start sequence.
When the REFIN pin is pulled above the rising EN
threshold voltage, the V
OCSET voltage is equal to 10µA x
R
OCSET. When VCC rising POR threshold is triggered, the
device starts to sample and hold the current-limit setting
threshold. The maximum sample time is 650us, so user
must make sure that V
OCSET reaches set up value cor-
rectly during this time.
During soft-start stage before the POK pin is ready, the
under-voltage protection is prohibited. The over-voltage
and over-current protection functions are enabled. If the
output capacitor has residue voltage before start-up, both
low-side and high-side MOSFETs are in off-state until the
internal digital soft-start voltage is equal to the V
FB voltage.
This will ensure that the output voltage starts from its
existing voltage level.
In the event of under-voltage or shutdown, the chip en-
ables the soft-stop function. The soft-stop function dis-
charges the output voltages to the GND through an inter-
nal 20
Ω switch. Cycling the REFIN enable signal or VCC
power-on-reset signal can reset the latch.
Figure 1. Soft-Start Sequence
The APW8821 features an open-drain POK pin to indi-
cate output regulation status. In normal operation, when
the output voltage rises above 90% of its target value, the
POK goes high. When the output voltage returns 90% or
outruns 125% of the target voltage, POK signal will be
pulled low after 30 us noise filter. it is a latch operation.
Since the FB pin is used for both feedback and monitor-
ing purposes, the output voltage deviation can be coupled
directly to the FB pin by the capacitor in parallel with the
voltage divider as shown in the typical applications. In
order to prevent false POK from dropping, capacitors need
to parallel at the output to confine the voltage deviation
with severe load step transient and the POK comparator
has a built-in 30
µs noise filter.
from
When current-limit setting action has finished, the device
initiates a soft-start process to ramp up the output voltage.
The soft-start interval, T
SS, is about 1ms (typical value).
Under-Voltage Protection (UVP)
In the operational process, if a short-circuit occurs, the
output voltage will drop quickly. When load current is big-
ger than current-limit threshold value, the output voltage
will fall out of the required regulation range. The under-
voltage protection circuit continually monitors the V
FB af-
ter soft-start is completed. If a load step is strong enough
to pull the output voltage lower than the under-voltage
threshold, the device starts to soft-stop process to shut
down the output gradually. The under-voltage threshold
is 70% of the normal output voltage. The under-voltage
comparator has a built-in 2
µs noise filter to prevent the
chip from wrong UVP shutdown caused by noise. Cy-
cling the REFIN enable signal or VCC power-on-reset
signal can reset the latch.
TSS = t2-t1 = 1ms
EN
VOUT
VCC
VPOK
t1
t3
95% x VREF
V
t
t0
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com