Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW8821 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8821 Datasheet HTML 1Page - Anpec Electronics Coropration APW8821 Datasheet HTML 2Page - Anpec Electronics Coropration APW8821 Datasheet HTML 3Page - Anpec Electronics Coropration APW8821 Datasheet HTML 4Page - Anpec Electronics Coropration APW8821 Datasheet HTML 5Page - Anpec Electronics Coropration APW8821 Datasheet HTML 6Page - Anpec Electronics Coropration APW8821 Datasheet HTML 7Page - Anpec Electronics Coropration APW8821 Datasheet HTML 8Page - Anpec Electronics Coropration APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND )
-0.3 ~ 35
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
All Other Pins (FB, VOUT, POK, and REFIN to GND)
-0.3 ~ VCC+0.3
V
UGATE Voltage (UGATE to PHASE)
<20ns Pulse Width
>20ns Pulse Width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
LGATE/OCSET Voltage (LGATE to GND)
<20ns Pulse Width
>20ns Pulse Width
-5 ~ VCC+0.3
-0.3 ~ VCC+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
<20ns Pulse Width
>20ns Pulse Width
-5 ~ 35
-1 ~ 30
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
TDFN3x3-10
55
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective the thermal conductivity test board in free air. The exposed
pad of package is soldered directly on the PCB.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
V
IN
Converter Input Voltage
1.8 ~ 28
V
VCC
VCC Supply Voltage
4.5 ~ 5.5
V
Converter Output Voltage (external REFIN input)
0.5 ~ 2.5
V
V
OUT
Converter Output Voltage (internal FB setting)
0.5 ~ 3.3
V
IOUT
Converter Output Current
~ 25
A
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Note 3 : Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com