Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-87159-7 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 21Page - Tyco Electronics 1-87159-7 Datasheet HTML 22Page - Tyco Electronics 1-87159-7 Datasheet HTML 23Page - Tyco Electronics 1-87159-7 Datasheet HTML 24Page - Tyco Electronics 1-87159-7 Datasheet HTML 25Page - Tyco Electronics 1-87159-7 Datasheet HTML 26Page - Tyco Electronics 1-87159-7 Datasheet HTML 27Page - Tyco Electronics 1-87159-7 Datasheet HTML 28Page - Tyco Electronics 1-87159-7 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 321 page
background image
25
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
AMPMODU System 50 Connectors
The AMPMODU System 50
connector family includes a
wide variety of high density
board-to-board (thru-hole
and surface-mount) and
cable-to-board connectors.
AMPMODU System 50 is
composed of one- and two-
row receptacles and post
headers on .050 x .100
[1.27 x 2.54] spacing
between contacts for
extreme density and
efficient use of printed
circuit board area.
AMPMODU System 50
receptacles and header
assemblies can be
categorized in three groups:
board-mount headers,
board-mount receptacles
and cable-to-board
receptacles. Receptacle
contacts and mating .015
[0.38] square posts are
formed from high
conductivity copper alloy
and are selectively plated
with gold to promote higher
performance and reliability.
Board-mounted thru-hole
post headers and
receptacle connectors are
available for right-angle
and vertical mating
configurations. Surface-
mounted connectors are
available in vertical, double
row styles for parallel
stacking applications.
Shrouded post headers
provide polarization to
mating cable receptacles
and aid alignment of mating
connectors. Unshrouded
headers allow close
stacking of daughter cards.
Vertical stacking connectors
space parallel mated
boards as shown in the
illustration on page 63.
Housings on all board-
mount assemblies are made
of high temperature tolerant
materials and incorporate
stand-offs for free drainage
of flux cleaning solutions.
Cable-to-board connectors
have integral latches for
positive locking to shrouded
mating headers (thru-hole or
surface-mount). Ribbon
cable connectors mass
terminate 30 AWG [0.05
mm2] solid and 32 AWG
[0.03 mm2] stranded, .025
[0.64] centerline ribbon
cable with PVC or Teflon®
insulation.
Connectors for mass
termination to FFC cable or
flexible etched circuitry
have dual beam contacts;
options include shielded
cable and solder tabs. Both
types of cable connectors
are available as component
parts and as completed
assemblies.
The variety of components
and application possibilities,
combined with small size
and outstanding quality,
make AMPMODU
System 50 suitable for high
density systems.
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.
File No. E28476
I
Certified by
Canadian Standards
Association*,
File No. LR 7189
*CSA certification pending on
certain products, as noted.
Dimensioning:
Dimensions are in inches and millimeters.
Values in brackets are metric equivalents. Metric
symbols used are:
mm (millimeter)
cm (centimeter)
m (meter)
mm2 (square millimeter)
C (Celsius)
N (newton)
kg (kilogram)
I
Produced under a
Quality Management
System certified
to ISO 9001
A copy of the
certificate is available
upon request.
R
R
IS
O
Ce
rti
fie
d
90
01
Teflon® is a trademark of E.I. du Pont de
Nemours and Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com