Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-87159-7 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 1-87159-7
Description  AMPMODU Interconnection System
PDF  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87159-7 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 1-87159-7 Datasheet HTML 42Page - Tyco Electronics 1-87159-7 Datasheet HTML 43Page - Tyco Electronics 1-87159-7 Datasheet HTML 44Page - Tyco Electronics 1-87159-7 Datasheet HTML 45Page - Tyco Electronics 1-87159-7 Datasheet HTML 46Page - Tyco Electronics 1-87159-7 Datasheet HTML 47Page - Tyco Electronics 1-87159-7 Datasheet HTML 48Page - Tyco Electronics 1-87159-7 Datasheet HTML 49Page - Tyco Electronics 1-87159-7 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 321 page
background image
46
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
Cable-to-Board Connectors, .050 x .100 [1.27 x 2.54] Centerline
FFC Cable
The cable-to-board .050
[1.27] center FFC
receptacle connectors are
part of the AMPMODU
System 50 family for
terminating flexible flat
conductor cable and
flexible etched circuitry.
The FFC receptacle uses a
dual beam contact with 30
microinches of gold plating.
The FFC receptacle
connectors have an integral
latch for positive locking to
shrouded mating headers.
Flexible flat conductor cable
is a planar parallel
conductor cable. It can be
used as a one-to-one
connector or as a complex
harness, allowing split-outs
and special routing. The
cable is comprised of .026
[0.66] wide x .003 [0.08]
thick conductors made of
copper per QQ-C-502 and
insulated with a flame
retardant polyester film.
The FFC contacts are
available in receptacle and
Product Facts
I
Signal application only,
1.5 amperes maximum
single circuit
I
Single or double row
connectors
I
Terminates flexible flat
conductor cable and flexible
etched circuitry
I
Shielded cable provides for
customizing
I
Center latch housing
providing positive latching
solder tab. Receptacle
contacts are made of
phosphor bronze with a
finish of plated gold duplex,
while the solder tab
contacts are finished in a
bright tin-lead overall.
The complete product line
provides solder tabs for
board mounting at low cost
and custom shielding of the
cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com