Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2174 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2174 Datasheet HTML 1Page - Anpec Electronics Coropration APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Stereo Cap-Free Line Driver
APA2174
Features
General Description
Applications
• Set-Top Boxes
• CD /DVD Players
• LCDTVs
• HTIBs (Home Theater in Box)
• Operating Voltage: 2.3V-4.5V
• SupplyCurrent
- I
DD=5mA at VDD=3.3V
• Low Shutdown Current
- I
DD=1µA at VDD=3.3V
• Ground Reference Output
- No Output Capacitor Required (for DC Blocking)
- Save the PCB Space
- Reduce the BOM Costs
- Improve the Low Frequency Response
• Output Voltage Swing Can Reach 2Vrms/Ch into
600
Ω at VDD=3.3V
• High PSRR:90dB at 217Hz
• Fast Start-Up Time: 500µs
• Integrate the De-pop Circuitry
• Separate ShutdownFunction forFlexible Applica-
tion
• Thermal Protection
• Surface-Mount Packaging
- TQFN4x4-20B (with Enhanced Thermal Pad)
- TSSOP-16
- SOP-14
• Lead Free and Green Devices Available
(RoHS Compliant)
Simplified Application Circuit
The APA2174 is a stereo, single supply and cap-free line
driver, which is available in TQFN4x4-20B, TSSOP-16,
and SOP-14 packages.
The APA2174 is a ground-reference output and doesn’t
need the output capacitors for DC blocking. The advan-
tages of eliminating the output capacitor are saving the
cost, eliminating component height, and improving the
low frequency response.
The external gain setting is recommended using from
-1V/V to -10V/V. High PSRR provides increased immunity
to noise and RF rectification. The independent shutdown
control of APA2174 is for right channel and left channel.
The APA2174 is capable of driving 2Vrms at 3.3V into
600
Ω load, and provides thermal protection.
APA2174
ROUT
RIN
RSD
LIN
LOUT
LSD
Stereo
Input
Signal
Shutdown
Control
Stereo
Line-Out
Signal


Similar Part No. - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2171KI-TRG ANPEC-APA2171KI-TRG Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2171OI-TRG ANPEC-APA2171OI-TRG Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
Stereo, Differential Input Cap-Free Line Driver
APA2172KI-TRG ANPEC-APA2172KI-TRG Datasheet
417Kb / 22P
Stereo, Differential Input Cap-Free Line Driver
More results

Similar Description - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
Stereo, Differential Input Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
Stereo Cap-Free Line Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
25mW Stereo Cap-Free Headphone Driver
logo
TECHCODE SEMICONDUCTOR,...
TD9721 TECHCODE-TD9721 Datasheet
1Mb / 19P
Stereo, Differential Input Cap-Free Line Driver
TD9722 TECHCODE-TD9722 Datasheet
1Mb / 21P
Stereo, Differential Input Cap-Free Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com